Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11T0152-101-4.4 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P11T0152-101-4.4
Description  TOROIDAL INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11T0152-101-4.4 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P11T0152-101-4.4 Datasheet HTML 1Page - MPS Industries, Inc. P11T0152-101-4.4 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOROIDAL INDUCTOR
• RoHS Compliant Product
• Operating Temp: -55°C to +105°C
• Inductance test @ 10KHz, 0.1V
RMS
• I
DC: 10% inductance drop typ from initial value at rated current
• I
RMS: ∆30°C temperature rise max at rated current
• Add -V for Vertical Mount, -H for Horizontal Mount after
part number
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P11T0152-XXX
0547JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008
.XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
Mechanical
Schematic
ELECTRICAL SPECIFICATION @ 25°C
PART NUMBER
L (µH)
R
DC
I
DC
I
RMS
DIM
DIM
DIM
DIM
DIM
±15%
MAX
A
B
C
D
E
P11T0152-
10KHz 0.1V
RMS
( mW )
(A)
(A)
mm MAX
mm MAX
mm NOM
mm NOM
mm NOM
100-2.4
10
48.1
2.4
2.1
8.6
4.7
3.8
7.3
0.42
200-1.8
20
82.9
1.8
2.2
9.1
6.7
5.6
7.4
0.37
500-2.6
50
71.5
2.6
2.7
16.2
9.0
7.5
13.7
0.58
101-2.5
100
106.0
2.5
2.4
15.5
12.4
10.7
13.7
0.58
151-2.1
150
162.0
2.1
2.3
20.7
9.4
7.8
18.8
0.52
251-1.9
250
221.0
1.9
2.2
20.9
13.0
11.0
18.8
0.52
501-1.7
500
361.0
1.7
1.9
24.0
15.3
14.0
21.2
0.52
751-1.8
750
434.0
1.8
2.4
29.8
17.4
15.6
28.2
0.52
102-1.5
1000
638.0
1.5
2.1
29.8
17.1
15.5
28.2
0.46
100-4.7
10
18.3
4.7
4.5
12.7
7.8
6.3
11.0
0.71
200-3.2
20
39.2
3.2
3.2
12.5
7.5
6.3
11.0
0.58
500-4.9
50
32.6
4.9
4.9
21.6
13.8
11.0
19.5
0.89
101-4.4
100
53.4
4.4
4.3
24.0
16.6
13.9
21.8
0.89
151-4.3
150
71.9
4.3
4.0
30.6
11.4
9.3
28.5
0.80
251-4.2
250
83.3
4.2
4.2
31.2
19.0
15.7
28.5
0.89
501-3.1
500
183.0
3.1
3.3
36.7
14.8
12.5
34.5
0.71
751-3.4
750
208.0
3.4
3.4
43.3
18.2
15.8
41.5
0.80
P11T0152 SERIES
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P11T0152-101-4.4

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11T500 MPSIND-P11T500 Datasheet
160Kb / 1P
   TOROIDAL INDUCTOR
P11T500-100 MPSIND-P11T500-100 Datasheet
160Kb / 1P
   TOROIDAL INDUCTOR
P11T500-120 MPSIND-P11T500-120 Datasheet
160Kb / 1P
   TOROIDAL INDUCTOR
P11T500-150 MPSIND-P11T500-150 Datasheet
160Kb / 1P
   TOROIDAL INDUCTOR
P11T500-180 MPSIND-P11T500-180 Datasheet
160Kb / 1P
   TOROIDAL INDUCTOR
More results

Similar Description - P11T0152-101-4.4

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
   TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
logo
Superworld Electronics
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
   TOROIDAL INDUCTOR
logo
MPS Industries, Inc.
P11T80B MPSIND-P11T80B Datasheet
164Kb / 1P
   TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
   Toroidal Inductor
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
   TOROIDAL INDUCTOR
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
   TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
   TOROIDAL INDUCTOR
XF0476-VO XFMRS-XF0476-VO Datasheet
61Kb / 1P
   TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
   TOROIDAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com