Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11R20810-560K Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # P11R20810-560K
Description  UNSHIELDED RADIAL POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11R20810-560K Datasheet(HTML) 2 Page - MPS Industries, Inc.

  P11R20810-560K Datasheet HTML 1Page - MPS Industries, Inc. P11R20810-560K Datasheet HTML 2Page - MPS Industries, Inc. P11R20810-560K Datasheet HTML 3Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
UNSHIELDED RADIAL
POWER INDUCTOR
P11R20810 SERIES
Industries
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25OC
Part Number
P11R20810-
Inductance
(µH)
Q
(Min)
DCR
(Ω)
(Max)
Isat
(A)
271K
270
30
0.65
0.25
331K
330
30
0.79
0.25
391K
390
30
0.91
0.20
471K
470
30
1.2
0.18
561K
560
30
1.2
0.16
681K
680
30
1.5
0.14
821K
820
25
1.7
0.14
Inductance
(mH)
102K
1.0
50
2.0
0.12
122K
1.2
45
2.3
0.10
152K
1.5
45
2.9
0.08
182K
1.8
45
3.5
0.08
222K
2.2
50
4.2
0.07
272K
2.7
50
5.1
0.06
332K
3.3
50
6.1
0.06
392K
3.9
50
8
0.05
472K
4.7
55
11
0.05
562K
5.6
55
11
0.045
682K
6.8
55
14
0.045
822K
8.2
60
15
0.040
103K
10
100
20
0.035
123K
12
100
24
0.035
153K
15
100
28
0.035
183K
18
100
42
0.030
223K
22
100
43
0.030
273K
27
100
55
0.025
333K
33
90
65
0.025
393K
39
90
87
0.025
473K
47
85
98
0.250
563K
56
80
128
0.020
683K
68
70
141
0.020
823K
82
70
161
0.020
104K
100
55
180
0.020
Inductance measured : < 100µH : 100KHz, 0.25V
RMS
:≥100µH:1KHz,0.25V
RMS
I
RATED:10%droptypicalfrominitialinductancevalueand/orΔT=40°CTempRisetypical
InductanceTolerance:M=±20%,K=±10%
Package: Bulk Pack


Similar Part No. - P11R20810-560K

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20875-100 MPSIND-P11R20875-100 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20875-101 MPSIND-P11R20875-101 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20875-102 MPSIND-P11R20875-102 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20875-120 MPSIND-P11R20875-120 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
More results

Similar Description - P11R20810-560K

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIUR-04_SERIES ABRACON-AIUR-04_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-09_SERIES ABRACON-AIUR-09_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-16_SERIES ABRACON-AIUR-16_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
07.26.12
logo
MPS Industries, Inc.
P11R20875 MPSIND-P11R20875 Datasheet
337Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
logo
Abracon Corporation
AIUR-10_SERIES ABRACON-AIUR-10_SERIES Datasheet
980Kb / 2P
   Unshielded Radial Power Inductor
08.08.12
AIUR-08_SERIES ABRACON-AIUR-08_SERIES Datasheet
977Kb / 2P
   Unshielded Radial Power Inductor
08.29.12
AIUR-05_SERIES ABRACON-AIUR-05_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-06_SERIES ABRACON-AIUR-06_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
05.25.2016
AIUR-07_SERIES ABRACON-AIUR-07_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
04.24.13
AIUR-11_SERIES ABRACON-AIUR-11_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
09.28.12
AIUR-12_SERIES ABRACON-AIUR-12_SERIES Datasheet
1Mb / 2P
   Unshielded Radial Power Inductor
10.06.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com