Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P11RS2875-472M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P11RS2875-472M
Description  SHIELDED RADIAL INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11RS2875-472M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P11RS2875-472M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED RADIAL IN-
DUCTOR
• RoHS Compliant Product
• Ferrite shielded inductor
• Lp tested at 1KHz, 1.0V
RMS
• Inductance Tolerance: M = ±20%
• I
DC: 10% inductance drop typical from initial value
• I
RMS: ∆T ≤ 40°C Temp Rise at rated current
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P11RS2875-XXX
0709JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.010 .XXX : ±0.003
mm: X,X : ± 0,254 X,XX : ±0,076
Mechanical
Schematic
P11RS2875 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
Lp
DCR
RATED
RATED
±20%
Max
I
DC
I
RMS
P11RS2875-
(µH)
(W)
(A)
(A)
100M
10
0.047
3.60
2.95
120M
12
0.055
3.20
2.70
150M
15
0.068
2.96
2.25
180M
18
0.083
2.72
2.10
220M
22
0.097
2.48
2.00
270M
27
0.130
2.08
1.75
330M
33
0.140
2.00
1.70
390M
39
0.170
1.68
1.50
470M
47
0.210
1.60
1.32
560M
56
0.230
1.44
1.11
680M
68
0.280
1.36
1.00
820M
82
0.400
1.28
0.92
101M
100
0.450
1.12
0.84
121M
120
0.50
1.04
0.80
151M
150
0.63
0.96
0.72
181M
180
0.68
0.88
0.70
221M
220
0.91
0.75
0.53
271M
270
1.00
0.70
0.51
331M
330
1.20
0.65
0.44
391M
390
1.30
0.56
0.42
471M
470
1.70
0.53
0.37
561M
560
2.10
0.42
0.33
681M
680
2.30
0.41
0.31
821M
820
3.10
0.38
0.28
102M
1000
3.90
0.35
0.24
122M
1200
4.30
0.33
0.22
152M
1500
5.80
0.27
0.18
182M
1800
7.10
0.26
0.17
222M
2200
7.9
0.24
0.16
272M
2700
11.0
0.20
0.14
332M
3300
12.0
0.18
0.13
392M
3900
16.1
0.17
0.12
472M
4700
18.1
0.16
0.11
562M
5600
25.4
0.14
0.10
682M
6800
28.8
0.13
0.09
822M
8200
41.8
0.12
0.08
103M
10000
46.8
0.11
0.07
DIM
mm
A
8,3 Max
B
7,5 Max
C
5,0 ± 1,0 min
E
5,0 ± 0,5
F
0,60
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P11RS2875-472M

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11R20605 MPSIND-P11R20605 Datasheet
311Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20605-101 MPSIND-P11R20605-101 Datasheet
311Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20605-102 MPSIND-P11R20605-102 Datasheet
311Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20605-121 MPSIND-P11R20605-121 Datasheet
311Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
P11R20605-151 MPSIND-P11R20605-151 Datasheet
311Kb / 2P
   UNSHIELDED RADIAL POWER INDUCTOR
More results

Similar Description - P11RS2875-472M

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RS0807-220L-RC ALLIED-RS0807-220L-RC Datasheet
1Mb / 1P
   Radial Shielded Inductor
RS1010-100M-RC ALLIED-RS1010-100M-RC Datasheet
331Kb / 1P
   Radial Shielded Inductor
RS1008-100M-RC ALLIED-RS1008-100M-RC Datasheet
333Kb / 1P
   Radial Shielded Inductor
logo
XFMRS Inc.
XFRL1114SH-3R3M XFMRS-XFRL1114SH-3R3M Datasheet
34Kb / 1P
   Shielded Radial Leaded Inductor
RLXF1619SH-140M XFMRS-RLXF1619SH-140M Datasheet
34Kb / 1P
   SHIELDED RADIAL LEADED INDUCTOR
logo
Allied Components Inter...
RS4P1008-100M-RC ALLIED-RS4P1008-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
RS4P1010-100M-RC ALLIED-RS4P1010-100M-RC Datasheet
1Mb / 1P
   Radial Shielded 4 Pin Inductor
logo
Wurth Elektronik GmbH &...
7447471330 WURTH-7447471330 Datasheet
899Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731222 WURTH-744731222 Datasheet
904Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
   WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com