Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCH76N60N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCH76N60N
Description  N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCH76N60N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCH76N60N Datasheet HTML 1Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 2Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 3Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 4Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 5Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 6Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 7Page - Fairchild Semiconductor FCH76N60N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FCH76N60N Rev. C1
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
2468
1
10
100
500
-55
oC
150
oC
*Notes:
1. VDS = 20V
2. 250μs Pulse Test
25
oC
VGS, Gate-Source Voltage[V]
0.1
1
10
20
2
10
100
300
*Notes:
1. 250μs Pulse Test
2. TC = 25
oC
VDS, Drain-Source Voltage[V]
V
GS = 15V
10V
8V
6V
5.5V
5V
4.5V
0.0
0.5
1.0
1.5
1
10
100
400
*Notes:
1. V
GS = 0V
2. 250μs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0
50
100
150
200
250
25
30
35
40
45
50
*Note: TC = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0
60
120
180
240
0
2
4
6
8
10
*Note: ID = 38A
VDS = 120V
VDS = 300V
VDS = 480V
Qg, Total Gate Charge [nC]
0.01
0.1
1
10
100
600
10
0
10
1
10
2
10
3
10
4
10
5
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]


Similar Part No. - FCH76N60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH76N60N ISC-FCH76N60N Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
More results

Similar Description - FCH76N60N

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com