Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSE124-1R0M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PSE124-1R0M
Description  SHIELDED SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PSE124-1R0M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PSE124-1R0M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PSE124-SERIES
0852AL
UNIT = inch/mm
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015
.XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
PSE124 SERIES
• High current inductor for Voltage Regulated Module (VRM)
• Good for DC/DC converter and switch-mode power supply
applications
• High current in compact package
• Operating temperature: -55°C to +120°C
• RoHS Compliant Product
ELECTRICAL PARAMETERS @ 25°C
PART NUMBER
L
ISAT
I
RMS
DCR
±20%
(A)
(A)
(mW)
PSE124-
(µH)
Max
Temp. Rise 40°C Max.
Max
R33M
0.33
62
36.5
1.5
R47M
0.47
55
32
2.0
R60M
0.60
51
29
2.2
R68M
0.68
49
28
2.5
R82M
0.82
44
25
3.0
1R0M
1.00
40
24
3.5
1R5M
1.50
35
19
5.5
1R8M
1.80
30
16.5
7.0
2R2M
2.20
29
16
8.0
Mechanical
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - PSE124-1R0M

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE100 POWERBOX-PSE100 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
   1000 W output power
logo
Artesyn Technologies
PSE1000PFC ARTESYN-PSE1000PFC Datasheet
493Kb / 4P
   Embedded Power for Business-Critical Continuity
logo
Powerbox
PSE100A13.2 POWERBOX-PSE100A13.2 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
PSE100A15 POWERBOX-PSE100A15 Datasheet
560Kb / 2P
   60 - 100 WATTS DC/DC SINGLE OUTPUT
More results

Similar Description - PSE124-1R0M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com