Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1278-470M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PS1278-470M
Description  SHIELDED SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PS1278-470M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PS1278-470M Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance Tolerance: K=±10%, M=±20%
Add suffix letter for tolerance after the part number
• Package: Tape and Reel
13” machine ready reel, 500 pcs per reel
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PS1278-XX
0946JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
PS1278 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part No
Ls
DCR
Rated
Max
I
DC
PS1278-
(µH)
(W)
(A)
±20%
1R4M
1.4
0.010
25.2
4R7M
4.7
0.016
13.7
5R6M
5.6
0.018
12.2
6R8M
6.8
0.022
11.3
8R2M
8.2
0.023
10.1
100M
10
0.025
9.36
120M
12
0.026
8.84
150M
15
0.031
7.30
180M
18
0.035
6.10
220M
22
0.040
6.00
270M
27
0.050
5.80
330M
33
0.069
5.20
390M
39
0.077
4.68
470M
47
0.081
4.40
560M
56
0.090
4.02
680M
68
0.102
3.40
820M
82
0.140
3.12
101M
100
0.151
2.88
±10%
121K
120
0.203
2.62
151K
150
0.241
2.48
181K
180
0.255
2.26
221K
220
0.360
1.96
271K
270
0.462
1.74
331K
330
0.542
1.66
391K
390
0.593
1.52
471K
470
0.787
1.34
561K
560
0.864
1.24
681K
680
1.162
1.16
821K
820
1.296
1.04
102K
1000
1.483
0.97
• Inductance measured : 100KHz, 0.1V
RMS
• I
RATED: Typical 10% change in L drop from initial value
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - PS1278-470M

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R0M MPSIND-PS127-1R0M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R5M MPSIND-PS127-1R5M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R8M MPSIND-PS127-1R8M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-R50M MPSIND-PS127-R50M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PS1278-470M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com