Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1601G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # FR1601G
Description  16.0 AMPs. Glass Passivated Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR1601G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  FR1601G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR1601G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page :2 of 2
Version : C09


Similar Part No. - FR1601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR1601G WTE-FR1601G Datasheet
54Kb / 3P
   16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
Sangdest Microelectroni...
FR1601G SMC-FR1601G Datasheet
174Kb / 4P
   16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIE
FR1601GCT SMC-FR1601GCT Datasheet
175Kb / 4P
   16.0A FAST RECOVERY GLASS PASSIVATEDRECTIFIER
More results

Similar Description - FR1601G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FRA1601G TSC-FRA1601G Datasheet
54Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_1 Datasheet
259Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G Datasheet
98Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR1601G TSC-FR1601G_1 Datasheet
343Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRA1601G TSC-FRA1601G_10 Datasheet
46Kb / 2P
   16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G Datasheet
113Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G Datasheet
81Kb / 2P
   Isolation 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRAF1601G TSC-FRAF1601G_1 Datasheet
271Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FRF1601G TSC-FRF1601G_1 Datasheet
333Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SF1601PT TSC-SF1601PT_1 Datasheet
112Kb / 2P
   16.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com