Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX13308-334 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX13308-334
Description  SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX13308-334 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX13308-334 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance tested @ 100KHz, 0.1V
RMS
• Add -M for 20% standard inductance tolerance
Optional inductance tolerance: K=±10%, L=±15%
(subject to request)
• I
SAT: 10% inductance drop typical @ ISAT
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX13308-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
PX13308 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
DCR
SRF
I
SAT
I
RMS
±20%
Max
MHz
(A)
(A)
PX13308-
(µH)
(mW)Typical
472
4.7
36
50
4.20
6.8
682
6.8
60
47
3.90
6.4
103
10
85
37
2.70
6.1
153
15
120
35
2.30
5.4
223
22
180
26
1.80
4.8
333
33
250
19
1.60
4.4
473
47
320
14
1.30
3.9
683
68
540
12
1.10
3.1
104
100
690
11
0.87
2.7
154
150
940
9
0.74
2.1
224
220
1600
6.0
0.56
1.8
334
330
2150
5.5
0.50
1.5
474
470
3300
4.5
0.40
1.3
684
680
4400
3.5
0.33
1.0
105
1000
7000
2.5
0.29
0.8


Similar Part No. - PX13308-334

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX13316 MPSIND-PX13316 Datasheet
184Kb / 1P
   SMD POWER INDUCTOR
PX13316-102 MPSIND-PX13316-102 Datasheet
184Kb / 1P
   SMD POWER INDUCTOR
PX13316-103 MPSIND-PX13316-103 Datasheet
184Kb / 1P
   SMD POWER INDUCTOR
PX13316-104 MPSIND-PX13316-104 Datasheet
184Kb / 1P
   SMD POWER INDUCTOR
PX13316-105 MPSIND-PX13316-105 Datasheet
184Kb / 1P
   SMD POWER INDUCTOR
More results

Similar Description - PX13308-334

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com