Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1610S Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC1610S
Description  Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1610S Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1610S_11 Datasheet HTML 5Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 6Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 7Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 8Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 9Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 10Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 11Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 12Page - NXP Semiconductors ADC1610S_11 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
10.1 Dynamic characteristics
Table 7.
Dynamic characteristics
Symbol
Parameter
Conditions
ADC1610S065
ADC1610S080
ADC1610S105
ADC1610S125
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Analog signal processing
α
2H
second harmonic
level
fi = 3 MHz
-
89
-
-
89
-
-
88
-
-
90
-
dBc
fi = 30 MHz
-
88
-
-
88-
-88-
-89-
dBc
fi = 70 MHz
-
87
-
-
87-
-86-
-87-
dBc
fi = 170 MHz
-
84
-
-
84
-
-
83
-
-
85
-
dBc
α
3H
third harmonic level
fi = 3 MHz
-
88
-
-
88
-
-
87
-
-
89
-
dBc
fi = 30 MHz
-
87
-
-
87-
-87-
-88-
dBc
fi = 70 MHz
-
86
-
-
86-
-85-
-86-
dBc
fi = 170 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc
THD
total harmonic
distortion
fi = 3 MHz
-
85
-
-
85
-
-
84
-
-
86
-
dBc
fi = 30 MHz
-
84
-
-
84-
-84-
-85-
dBc
fi = 70 MHz
-
83
-
-
83-
-82-
-83-
dBc
fi = 170 MHz
-
80
-
-
80
-
-
79
-
-
81
-
dBc
ENOB
effective number of
bits
fi = 3 MHz
-
11.7
-
-
11.7
-
-
11.7
-
-
11.6
-
bits
fi = 30 MHz
-
11.6
-
-
11.6
-
-
11.6
-
-
11.6
-
bits
fi = 70 MHz
-
11.5
-
-
11.5
-
-
11.5
-
-
11.5
-
bits
fi = 170 MHz
-
11.4
-
-
11.4
-
-
11.4
-
-
11.4
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
72.3
-
-
72.2
-
-
72.0
-
-
71.6
-
dBFS
fi = 30 MHz
-
71.5
-
-
71.4
-
-
71.4
-
-
71.3
-
dBFS
fi = 70 MHz
-
70.9
-
-
70.9
-
-
70.8
-
-
70.7
-
dBFS
fi = 170 MHz
-
70.4
-
-
70.3
-
-
70.2
-
-
70.1
-
dBFS
SFDR
spurious-free
dynamic range
fi = 3 MHz
-
88
-
-
88
-
-
87
-
-
89
-
dBc
fi = 30 MHz
-
87
-
-
87-
-87-
-88-
dBc
fi = 70 MHz
-
86
-
-
86-
-85-
-86-
dBc
fi = 170 MHz
-
83
-
-
83
-
-
82
-
-
84
-
dBc


Similar Part No. - ADC1610S_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1610S065HN-C1 IDT-ADC1610S065HN-C1 Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1610S065HN/C1 NXP-ADC1610S065HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S080HN-C1 IDT-ADC1610S080HN-C1 Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1610S080HN/C1 NXP-ADC1610S080HN/C1 Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S105HN-C1 IDT-ADC1610S105HN-C1 Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results

Similar Description - ADC1610S_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
   Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
   Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com