Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX15022-684 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX15022-684
Description  SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX15022-684 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX15022-684 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance tested @ 100KHz, 0.1V
RMS @ 0ADC
• Add -M for 20% standard inductance tolerance after part no.
• I
DC: 10% inductance drop typical from its initial value at IDC
• I
RMS: ∆40°C temperature rise max at IRMS
• Marking: Value
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX15022-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
PX15022 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
I
DC
I
RMS
R
DC
±20%
MAX
PX15022-
(µH)
(A)
(A)
( W )
102
1.0
20.0
8.6
0.009
222
2.2
16.0
7.1
0.014
332
3.3
14.0
6.2
0.018
562
5.6
12.0
5.3
0.020
822
8.2
10.0
4.8
0.029
103
10
10.0
4.3
0.031
153
15
8.0
4.0
0.036
223
22
7.0
3.5
0.047
333
33
5.5
3.0
0.066
473
47
4.5
2.6
0.086
683
68
3.5
2.3
0.13
104
100
3.0
1.8
0.19
154
150
2.6
1.5
0.25
224
220
2.4
1.2
0.38
334
330
1.9
1.0
0.56
474
470
1.4
0.82
0.85
684
680
1.2
0.72
1.10
105
1000
1.0
0.56
1.80
Mechanical
Schematic
0.6
[15.24]
max.
0.730
[18.50]
max.
0.10
[2.54]
0.50
[12.70]
0.10
[2.54]
0.50
[12.70]
0.30
[7.62]
max.
0.49
[12.45]
Suggested Pad Layout
0.12
[2.92]
0.11
[2.79]
S
F


Similar Part No. - PX15022-684

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX15022S MPSIND-PX15022S Datasheet
166Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PX15022S-102 MPSIND-PX15022S-102 Datasheet
166Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PX15022S-103 MPSIND-PX15022S-103 Datasheet
166Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PX15022S-104 MPSIND-PX15022S-104 Datasheet
166Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PX15022S-105 MPSIND-PX15022S-105 Datasheet
166Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PX15022-684

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com