Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV49 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BCV49
Description  NPN Silicon Darlington Transistors (For general AF applications High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCV49 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BCV49 Datasheet HTML 1Page - Siemens Semiconductor Group BCV49 Datasheet HTML 2Page - Siemens Semiconductor Group BCV49 Datasheet HTML 3Page - Siemens Semiconductor Group BCV49 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor Group
3
BCV 29
BCV 49
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector cutoff current ICB0 = f (TA)
Transition frequency fT = f (IC)
VCE = 5 V


Similar Part No. - BCV49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV49 PHILIPS-BCV49 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV49 ZETEX-BCV49 Datasheet
16Kb / 1P
   NPN SILICON PLANAR DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV49 INFINEON-BCV49 Datasheet
47Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV49 NXP-BCV49 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV49 INFINEON-BCV49 Datasheet
71Kb / 8P
   NPN Silicon Darlington Transistors
2007-03-29
More results

Similar Description - BCV49

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW65 SIEMENS-BCW65 Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com