Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C1854 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-C1854
Description  PNP Silicon Darlington Transistors (For general AF applications High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C1854 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-C1854 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C1854 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C1854 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C1854 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BCV 28
BCV 48
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 1000
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 1000
DC current gain hFE = f (IC)
VCE = 5 V


Similar Part No. - Q62702-C1854

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C1850 SIEMENS-Q62702-C1850 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Q62702-C1851 SIEMENS-Q62702-C1851 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Q62702-C1853 SIEMENS-Q62702-C1853 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
Q62702-C1857 SIEMENS-Q62702-C1857 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
More results

Similar Description - Q62702-C1854

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com