Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV61B Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BCV61B
Description  NPN Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCV61B Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCV61B Datasheet HTML 1Page - Siemens Semiconductor Group BCV61B Datasheet HTML 2Page - Siemens Semiconductor Group BCV61B Datasheet HTML 3Page - Siemens Semiconductor Group BCV61B Datasheet HTML 4Page - Siemens Semiconductor Group BCV61B Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
BCV 61
Test circuit for current matching
Characteristic for determination of VCE1 at specified RE range with IE2 as parameter under
condition of IC1 / IE2 = 1.3
Note: Voltage drop at contacts: VCO <
VT = 16 mV
2
3
Note: BCV 61 with emitter resistors


Similar Part No. - BCV61B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV61B PHILIPS-BCV61B Datasheet
50Kb / 8P
   NPN general purpose double transistor
1999 Apr 08
logo
Infineon Technologies A...
BCV61B INFINEON-BCV61B Datasheet
49Kb / 5P
   NPN Silicon Double Transistor
Jul-10-2001
logo
NXP Semiconductors
BCV61B PHILIPS-BCV61B Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Infineon Technologies A...
BCV61B INFINEON-BCV61B Datasheet
181Kb / 7P
   NPN Silicon Double Transistor
2007-08-09
BCV61B INFINEON-BCV61B Datasheet
536Kb / 7P
   NPN Silicon Double Transistor
2011-10-13
More results

Similar Description - BCV61B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCV62 SIEMENS-BCV62 Datasheet
94Kb / 5P
   PNP Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Maxim Integrated Produc...
MAX2678EVKIT MAXIM-MAX2678EVKIT Datasheet
607Kb / 8P
   Optimal Matching and Coupling Eliminates Tuning Evaluation Kit
Rev 0; 11/16
logo
Advanced Power Electron...
AP4509AGH-HF A-POWER-AP4509AGH-HF_14 Datasheet
125Kb / 7P
   Good Thermal Performance
AP4513GH A-POWER-AP4513GH_14 Datasheet
128Kb / 7P
   Good Thermal Performance
AP0903GYT-HF A-POWER-AP0903GYT-HF_16 Datasheet
61Kb / 5P
   Good Thermal Dissipation
AP6941GMT-HF A-POWER-AP6941GMT-HF_16 Datasheet
91Kb / 8P
   Good Thermal Performance
AP9938GEYT-HF A-POWER-AP9938GEYT-HF_14 Datasheet
72Kb / 4P
   Good Thermal Performance
AP4521GEH A-POWER-AP4521GEH_14 Datasheet
123Kb / 7P
   Good Thermal Performance
AP5521GH-HF A-POWER-AP5521GH-HF_14 Datasheet
89Kb / 7P
   Good Thermal Performance
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com