Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8M0402-601 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R8M0402-601
Description  MULTI-LAYER FERRITE CHIP BEAD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R8M0402-601 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R8M0402-601 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MULTI-LAYER FERRITE
CHIP BEAD
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Ordering code R8M0402-XXX (Value)
• Package: Tape and Reel is the standard
Product performance is limited to specified parameter. Data is subject to change without prior notice.
R8M0402-XXX
0620JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic
R8M0402 SERIES
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
ELECTRICAL SPECIFICATION @ 25°C
PART NO
Impedance
DCR
RATED
@100MHz
Max
I
DC
R8M0402-
(W)±25%
(W)(mA)
60
6
0.05
500
100
10
0.05
500
400
40
0.30
300
800
80
0.40
200
121
120
0.50
200
241
240
0.50
200
481
480
0.80
200
601
600
1.00
200
102
1000
1.50
100
152
1500
2.00
60
A
B
C
D
E Typ
F Typ
G Typ
0.040±0.004 0.020±0.004 0.020±0.004 0.010±0.004
0.016
0.052
0.016
1,00±0,10
0,50±0,10
0,50±0,10
0,25±0,10
0,40
1,30
0,40


Similar Part No. - R8M0402-601

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R8M0603 MPSIND-R8M0603 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603-102 MPSIND-R8M0603-102 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603-110 MPSIND-R8M0603-110 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603-121 MPSIND-R8M0603-121 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603-152 MPSIND-R8M0603-152 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
More results

Similar Description - R8M0402-601

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R8M0805 MPSIND-R8M0805 Datasheet
129Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
R8M0603 MPSIND-R8M0603 Datasheet
130Kb / 1P
   MULTI-LAYER FERRITE CHIP BEAD
logo
Fair-Rite Products Corp...
2504023017Y0 FAIR-RITE-2504023017Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051817Y0 FAIR-RITE-2508051817Y0 Datasheet
231Kb / 2P
   MULTI-LAYER CHIP BEAD
2506036007Y0 FAIR-RITE-2506036007Y0 Datasheet
294Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051527Y0 FAIR-RITE-2508051527Y0 Datasheet
308Kb / 3P
   MULTI-LAYER CHIP BEAD
2506038007Y0 FAIR-RITE-2506038007Y0 Datasheet
293Kb / 3P
   MULTI-LAYER CHIP BEAD
2508051217Z0 FAIR-RITE-2508051217Z0 Datasheet
287Kb / 3P
   MULTI-LAYER CHIP BEAD
2508052027Z0 FAIR-RITE-2508052027Z0 Datasheet
295Kb / 3P
   MULTI-LAYER CHIP BEAD
2512061027Y0 FAIR-RITE-2512061027Y0 Datasheet
316Kb / 3P
   MULTI-LAYER CHIP BEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com