Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW60FF Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BCW60FF
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCW60FF Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BCW60FF Datasheet HTML 1Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 2Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 3Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 4Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 5Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 6Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 7Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 8Page - Siemens Semiconductor Group BCW60FF Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 40
Collector current IC = f (VBE)
VCE = 5 V
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 40
DC current gain hFE = f (IC)
VCE = 5 V
BCW 60
BCX 70


Similar Part No. - BCW60FF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCW60FF INFINEON-BCW60FF Datasheet
228Kb / 9P
   NPN Silicon AF Transistors
Jan-29-2002
BCW60FF INFINEON-BCW60FF Datasheet
105Kb / 11P
   NPN Silicon AF Transistors
2007-04-20
More results

Similar Description - BCW60FF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com