Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN1R0-30YLC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN1R0-30YLC
Description  N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN1R0-30YLC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN1R0-30YLC_11 Datasheet HTML 4Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 5Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 6Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 7Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 8Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 9Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 10Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 11Page - NXP Semiconductors PSMN1R0-30YLC_11 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PSMN1R0-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 4 July 2011
8 of 15
NXP Semiconductors
PSMN1R0-30YLC
N-channel 30 V 1.15 m
Ω logic level MOSFET in LFPAK using
Fig 8.
Forward transconductance as a function of
drain current; typical values
Fig 9.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Fig 11. Gate-source threshold voltage as a function of
junction temperature
003a a e 949
0
60
120
180
240
300
0
25
50
75
100
ID (A)
gfs
(S )
003a a e 951
0
25
50
75
100
01
23
4
VGS (V)
ID
(A)
Tj = 25 C
Tj = 150 C
003a a e 948
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
VGS (V)
ID
(A)
Min
Typ
Max
003a a e 947
0
1
2
3
-60
0
60
120
180
Tj ( C)
VGS(th)
(V)
Min (5mA)
1mA
Max (1mA)
ID = 5mA


Similar Part No. - PSMN1R0-30YLC_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_15 Datasheet
275Kb / 14P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
15 January 2015
More results

Similar Description - PSMN1R0-30YLC_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_15 Datasheet
275Kb / 14P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
15 January 2015
logo
Nexperia B.V. All right...
PSMN1R0-30YLC NEXPERIA-PSMN1R0-30YLC Datasheet
753Kb / 14P
   N-channel 30 V 1.15 mΩ logic level MOSFET in LFPAK using NextPower technology
15 January 2015
logo
NXP Semiconductors
PSMN7R0-30YLC NXP-PSMN7R0-30YLC Datasheet
308Kb / 15P
   N-channel 30 V 7.1 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN013-30YLC PHILIPS-PSMN013-30YLC_15 Datasheet
300Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN8R0-30YLC NXP-PSMN8R0-30YLC Datasheet
254Kb / 15P
   N-channel 30 V 7.9 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-1 September 2011
PSMN011-30YLC NXP-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com