Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX71G Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCX71G
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX71G Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCX71G Datasheet HTML 1Page - Siemens Semiconductor Group BCX71G Datasheet HTML 2Page - Siemens Semiconductor Group BCX71G Datasheet HTML 3Page - Siemens Semiconductor Group BCX71G Datasheet HTML 4Page - Siemens Semiconductor Group BCX71G Datasheet HTML 5Page - Siemens Semiconductor Group BCX71G Datasheet HTML 6Page - Siemens Semiconductor Group BCX71G Datasheet HTML 7Page - Siemens Semiconductor Group BCX71G Datasheet HTML 8Page - Siemens Semiconductor Group BCX71G Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BCW 61
BCX 71
Semiconductor Group
2
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Peak collector current
ICM
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS = 71 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
32
100
200
330
150
– 65 … + 150
Emitter-base voltage
VEB0
Peak base current
IBM
200
32
45
32
32
45
BCW 61 FF
BCW 61
BCX 71
5
Junction - ambient1)
Rth JA
K/W
Junction - soldering point
Rth JS
310
240
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.


Similar Part No. - BCX71G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71G PHILIPS-BCX71G Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Infineon Technologies A...
BCX71G INFINEON-BCX71G Datasheet
561Kb / 11P
   PNP Silicon AF Transistors
2011-07-29
logo
Samsung semiconductor
BCX71G SAMSUNG-BCX71G Datasheet
30Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
SHIKUES Electronics
BCX71G SKTECHNOLGY-BCX71G Datasheet
550Kb / 2P
   NPN medium power transistor
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BCX71G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com