Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN069-100YS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN069-100YS
Description  N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN069-100YS Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN069-100YS Datasheet HTML 1Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 2Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 3Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
Standard level N-channel MOSFET in LFPAK package qualified to 175 °C. This product is
designed and qualified for use in a wide range of industrial, communications and domestic
equipment.
1.2 Features and benefits
Advanced TrenchMOS provides low
RDSon and low gate charge
High efficiency gains in switching
power converters
Improved mechanical and thermal
characteristics
LFPAK provides maximum power
density in a Power SO8 package
1.3 Applications
DC-to-DC converters
Lithium-ion battery protection
Load switching
Motor control
Server power supplies
1.4 Quick reference data
PSMN069-100YS
N-channel LFPAK 100 V 72.4 m
Ω standard level MOSFET
Rev. 02 — 25 October 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1
--17
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
--56
W
Tj
junction temperature
-55
-
175
°C
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =5A;
Tj = 100 °C; see Figure 12
--130
m
VGS =10V; ID =5A;
Tj =25°C; see Figure 13
-
56.6
72.4
m


Similar Part No. - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
More results

Similar Description - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
   N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS NXP-PSMN016-100YS Datasheet
248Kb / 14P
   N-channel 100 V 16 m廓 standard level MOSFET in LFPAK
Rev. 02-25 January 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com