Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2021T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2021T
Description  630 V driver IC for CFL and TL lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021T Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2021T Datasheet HTML 1Page - NXP Semiconductors UBA2021T Datasheet HTML 2Page - NXP Semiconductors UBA2021T Datasheet HTML 3Page - NXP Semiconductors UBA2021T Datasheet HTML 4Page - NXP Semiconductors UBA2021T Datasheet HTML 5Page - NXP Semiconductors UBA2021T Datasheet HTML 6Page - NXP Semiconductors UBA2021T Datasheet HTML 7Page - NXP Semiconductors UBA2021T Datasheet HTML 8Page - NXP Semiconductors UBA2021T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The UBA2021 is a high voltage IC intended to drive and control Compact Fluorescent
Lamps (CFL) or fluorescent TL lamps. It contains a driver circuit for an external
half-bridge, an oscillator and a control circuit for starting up, preheating, ignition, lamp
burning and protection.
2.
Features
I Adjustable preheat and ignition time.
I Adjustable preheat current.
I Adjustable lamp power.
I Lamp power independent from mains voltage variations.
I Overpower protection.
I Lamp temperature stress protection at higher mains voltages.
I Capacitive mode protection.
I Protection against a drive voltage that is too low for the power MOSFETs.
3.
Quick reference data
UBA2021
630 V driver IC for CFL and TL lamps
Rev. 04 — 25 July 2008
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage supply
VFS
high side supply voltage
IFS <15 µA; t < 0.5 s
-
-
630
V
Start-up state
VVS(start)
oscillator start voltage
-
11.95
-
V
VVS(stop)
oscillator stop voltage
-
10.15
-
V
IVS(standby)
standby current
VVS = 11 V
-
200
-
µA
Preheat mode
fstart
start frequency
-
108
-
kHz
tph
preheat time
CCP = 100 nF
-
666
-
ms
VRS(ctrl)
control voltage at pin RS
-
−600
-
mV
Frequency sweep to ignition
fB
bottom frequency
-
42.9
-
kHz
tign
ignition time
-
625
-
ms
Normal operation
fB
bottom frequency
-
42.9
-
kHz
tno
non-overlap time
-
1.4
-
µs


Similar Part No. - UBA2021T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021T PHILIPS-UBA2021T Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021T NXP-UBA2021T Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results

Similar Description - UBA2021T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com