Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2021P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2021P
Description  630 V driver IC for CFL and TL lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2021P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2021P Datasheet HTML 7Page - NXP Semiconductors UBA2021P Datasheet HTML 8Page - NXP Semiconductors UBA2021P Datasheet HTML 9Page - NXP Semiconductors UBA2021P Datasheet HTML 10Page - NXP Semiconductors UBA2021P Datasheet HTML 11Page - NXP Semiconductors UBA2021P Datasheet HTML 12Page - NXP Semiconductors UBA2021P Datasheet HTML 13Page - NXP Semiconductors UBA2021P Datasheet HTML 14Page - NXP Semiconductors UBA2021P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
UBA2021_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 25 July 2008
11 of 16
NXP Semiconductors
UBA2021
630 V driver IC for CFL and TL lamps
Where:
fB = bottom frequency.
fff = feed-forward frequency.
fcm = frequency due to capacitive mode detection.
Preheat time:
Ignition time:
Non-overlap time:
12. Application information
t
ph
C
CP
150nF
----------------
R
RREF
30K
----------------
×
=
t
ign
15
16
------
t
ph
×
=
t
no
1.4
µs
R
RREF
30k
----------------
×
=
Fig 7.
Application diagram
mgs994
30 k
490 k
CCI
CI
RHV
G1
S1
FS
G2
VS
CP
CF
lamp
RREF
SGND
PGND
RS
Cboot
100 nF
100 nF
CS9
CS4
C4
C3
CS7
C2
DS6
DS7
DS4
DS3
DS2
DS1
13
79
14
CCP
C5
100 nF
8
CCF
100 pF
12
RRREF
Rshunt
RRHV
Vin
10
T2
T1
11
2
3
1
6
5
UBA2021
R1
L1
L2
mains
supply


Similar Part No. - UBA2021P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021P PHILIPS-UBA2021P Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021P NXP-UBA2021P Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results

Similar Description - UBA2021P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com