Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2024BP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2024BP
Description  Half-bridge power IC for CFL lamps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2024BP Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2024BP Datasheet HTML 1Page - NXP Semiconductors UBA2024BP Datasheet HTML 2Page - NXP Semiconductors UBA2024BP Datasheet HTML 3Page - NXP Semiconductors UBA2024BP Datasheet HTML 4Page - NXP Semiconductors UBA2024BP Datasheet HTML 5Page - NXP Semiconductors UBA2024BP Datasheet HTML 6Page - NXP Semiconductors UBA2024BP Datasheet HTML 7Page - NXP Semiconductors UBA2024BP Datasheet HTML 8Page - NXP Semiconductors UBA2024BP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
UBA2024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6.2 — 1 November 2010
4 of 17
NXP Semiconductors
UBA2024
Half-bridge power IC for CFL lamps
7.
Functional description
7.1 Supply voltage
The UBA2024 does not require an external low-voltage supply as the mains supply
voltage applied to pin HV powers it. The IC derives its own low supply voltage from this for
its internal circuitry.
7.2 Start-up state
With an increase of the supply voltage on pin HV, the IC enters the start-up state. In the
start-up state the high-side power transistor is not conducting and the low-side power
transistor is switched on. The internal circuit is reset and the capacitors on the bootstrap
pin FS and low-voltage supply pin VDD are charged. Pins RC and SW are switched to
ground. The start-up state is defined until VDD = VDD(startup).
7.3 Sweep mode
The IC enters the sweep mode when the voltage on pin VDD > VDD(startup). The capacitor
on pin SW is charged by ISW and the half-bridge circuit starts oscillating. The circuit enters
the start-up state again when the voltage on pin VDD < VDD(stop).
The sweep time (tsweep) is determined by the charge current (Ich(sw)) and the external
capacitor (CSW). Typical the total sweep time set by CSW is:
(1)
During the sweep time the current flowing through the lamp electrodes performs some
preheating of the filaments. See Figure 5.
7.4 Reset
A DC reset circuit is incorporated in the high-side driver. The high-side transistor is
switched off when the voltage on pin FS is below the high-side lockout voltage Vfloat(UVLO).
7.5 Oscillation
The oscillation is based upon the 555-timer function. A self oscillating circuit is made with
the external resistor ROSC and the capacitor COSC (see Figure 4).
To realize an accurate 50
% duty cycle, an internal divider is used. This reduces the bridge
frequency to half the oscillator frequency.
The output voltage of the bridge will change at the falling edge of the signal on pin RC.
The design equation for the half-bridge frequency is:
(2)
An overview of the oscillator signal, internal LS and HS drive signals and the output is
given in Figure 4.
t
sweep
C
SW
nF
() 10.3 ms
×
=
f
osc
1
kR
OSC
×
C
OSC
×
-----------------------------------------
=


Similar Part No. - UBA2024BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2024 NXP-UBA2024 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2024AP NXP-UBA2024AP Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2024AT NXP-UBA2024AT Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
More results

Similar Description - UBA2024BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
   CFL power IC
Rev. 01-16 October 2009
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com