Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C1497 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-C1497
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C1497 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-C1497 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 8Page - Siemens Semiconductor Group Q62702-C1497 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VCEsat
0.12
0.20
0.25
0.55
Base-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VBEsat
0.70
0.83
0.85
1.05
Base-emitter voltage
IC = 10
µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 50 mA, VCE = 1 V 1)
VBE (on)
0.55
0.52
0.65
0.78
0.75
DC characteristics
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
250
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–8–
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 60 A, BCX 70 G
BCW 60 B, BCX 70 H
BCW 60 FF, BCW 60 C, BCX 70 J
BCW 60 FN, BCW 60 D, BCX 70 K
h11e
2.7
3.6
4.5
7.5
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 60 A, BCX 70 G
BCW 60 B, BCX 70 H
BCW 60 FF, BCW 60 C, BCX 70 J
BCW 60 FN, BCW 60 D, BCX 70 K
h12e
1.5
2.0
2.0
3.0
Unit
Values
Parameter
Symbol
min.
typ.
max.
1)
Pulse test: t
300 µs, D 2%.
BCW 60
BCX 70


Similar Part No. - Q62702-C1497

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C149 SIEMENS-Q62702-C149 Datasheet
240Kb / 8P
   PNP SILICON TRANSISTOR
Q62702-C1493 SIEMENS-Q62702-C1493 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
More results

Similar Description - Q62702-C1497

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com