Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C1632 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-C1632
Description  NPN Silicon AF Transistors (For general AF applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C1632 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-C1632 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C1632 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C1632 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C1632 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C1632 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C1632 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCW 65
BCW 66
Semiconductor Group
3
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 10 mA
BCW 65
BCW 66
V(BR)CE0
32
45
nA
nA
µA
µA
Collector cutoff current
VCB = 32 V
BCW 65
VCB = 45 V
BCW 66
VCB = 32 V, TA = 150 ˚C
BCW 65
VCB = 45 V, TA = 150 ˚C
BCW 66
ICB0
20
20
20
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BCW 65
BCW 66
V(BR)CB0
60
75
Emitter-base breakdown voltage, IE = 10
µA
V(BR)EB0
5––
DC current gain1)
IC = 100
µA, VCE = 10 V
BCW 65 A, BCW 66 F
BCW 65 B, BCW 66 G
BCW 65 C, BCW 66 H
IC = 10 mA, VCE = 1 V
BCW 65 A, BCW 66 F
BCW 65 B, BCW 66 G
BCW 65 C, BCW 66 H
IC = 100 mA, VCE = 1 V
BCW 65 A, BCW 66 F
BCW 65 B, BCW 66 G
BCW 65 C, BCW 66 H
IC = 500 mA, VCE = 2 V
BCW 65 A, BCW 66 F
BCW 65 B, BCW 66 G
BCW 65 C, BCW 66 H
hFE
35
50
80
75
110
180
100
160
250
35
60
100
160
250
350
250
400
630
nA
Emitter-base cutoff current, VEB = 4 V
IEB0
––20
1)
Pulse test: t
300 µs, D = 2 %.


Similar Part No. - Q62702-C1632

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C1635 SIEMENS-Q62702-C1635 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Similar Description - Q62702-C1632

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com