Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX53 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCX53
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX53 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX53 Datasheet HTML 1Page - Siemens Semiconductor Group BCX53 Datasheet HTML 2Page - Siemens Semiconductor Group BCX53 Datasheet HTML 3Page - Siemens Semiconductor Group BCX53 Datasheet HTML 4Page - Siemens Semiconductor Group BCX53 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
04.96
PNP Silicon AF Transistors
BCX 51 ... BCX 53
Features
q
For AF driver and output stages
q
High collector current
q
Low collector-emitter saturation voltage
q
Complementary types: BCX 54 … BCX 56 (NPN)
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCX 51
BCX 51-10
BCX 51-16
BCX 52
BCX 52-10
BCX 52-16
BCX 53
BCX 53-10
BCX 53-16
Q62702-C1847
Q62702-C1831
Q62702-C1857
Q62702-C1743
Q62702-C1744
Q62702-C1900
Q62702-C905
Q62702-C1753
Q62702-C1502
AA
AC
AD
AE
AG
AM
AH
AK
AL
SOT-89
1
2
3
B
C
E
1)
For detailed information see chapter Package Outlines.


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
WILLAS ELECTRONIC CORP
BCX53 WILLAS-BCX53 Datasheet
501Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
BCX53 FOSHAN-BCX53 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Nanjing International G...
BCX53 DGNJDZ-BCX53 Datasheet
278Kb / 2P
   PNP M edium P ow er Transistors
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com