Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLD-DS45 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLD-DS45
Description  Cree짰 XLamp짰 XB-D White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS45 Datasheet(HTML) 2 Page - Cree, Inc

  CLD-DS45 Datasheet HTML 1Page - Cree, Inc CLD-DS45 Datasheet HTML 2Page - Cree, Inc CLD-DS45 Datasheet HTML 3Page - Cree, Inc CLD-DS45 Datasheet HTML 4Page - Cree, Inc CLD-DS45 Datasheet HTML 5Page - Cree, Inc CLD-DS45 Datasheet HTML 6Page - Cree, Inc CLD-DS45 Datasheet HTML 7Page - Cree, Inc CLD-DS45 Datasheet HTML 8Page - Cree, Inc CLD-DS45 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
xlamp xB-D white leDs
fluX characteristics (t
J = 85 °c) - White
The following table provides several base order codes for XLamp XB-D LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XLamp XB-D Binning and Labeling document.
color
cct range
Base order codes
min. luminous flux
@ 350 ma (lm)
calculated minimum
luminous flux (lm)*
order code
min.
max.
Group
flux (lm)
700 ma
1000 ma
Cool White
5,000 K
8,300 K
R4
130
227
287
XBDAWT-00-0000-000000G51
R3
122
213
270
XBDAWT-00-0000-000000F51
R2
114
199
252
XBDAWT-00-0000-000000e51
Neutral White
3,700 K
5,000 K
R2
114
199
252
XBDAWT-00-0000-00000Lee4
Q5
107
187
236
XBDAWT-00-0000-00000LDe4
Q4
100
172
222
XBDAWT-00-0000-00000LCe4
80 CRI
minimum White
2,600 K
4,300 K
Q4
100
172
222
XBDAWT-00-0000-00000HCE7
Q3
93.9
164
207
XBDAWT-00-0000-00000HBE7
Q2
87.4
153
193
XBDAWT-00-0000-00000HAE7
Warm White
2,600 K
3,700 K
Q4
100
172
222
XBDAWT-00-0000-00000LCe7
Q3
93.9
164
207
XBDAWT-00-0000-00000LBe7
Q2
87.4
153
193
XBDAWT-00-0000-00000LAe7
Notes:
• Creemaintainsatoleranceof±7%onfluxandpowermeasurementsand±2onCRImeasurements.
• Typical CRI for Neutral White, 3700 K - 5000K CCT is 75.
• Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
• minimum CRI for 80 CRI minimum White is 80.
*Calculatedfluxvaluesareforreferenceonly
2


Similar Part No. - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
   Cree짰 XLamp짰 XT-E Royal Blue LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
More results

Similar Description - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XB-D White LEDs
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com