Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS33DETR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS33DETR
Description  MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS33DETR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS33DETR Datasheet HTML 7Page - STMicroelectronics LIS33DETR Datasheet HTML 8Page - STMicroelectronics LIS33DETR Datasheet HTML 9Page - STMicroelectronics LIS33DETR Datasheet HTML 10Page - STMicroelectronics LIS33DETR Datasheet HTML 11Page - STMicroelectronics LIS33DETR Datasheet HTML 12Page - STMicroelectronics LIS33DETR Datasheet HTML 13Page - STMicroelectronics LIS33DETR Datasheet HTML 14Page - STMicroelectronics LIS33DETR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LIS33DE
Mechanical and electrical specifications
Doc ID 15596 Rev 1
11/31
2.3.2
I2C - Inter IC control interface
Subject to general operating conditions for Vdd and top.
Figure 4.
I2C slave timing diagram (b)
Table 6.
I2C slave timing values
Symbol
Parameter
I2C standard mode(1)
I2C fast mode (1)
Unit
Min.
Max.
Min.
Max.
f(SCL)
SCL clock frequency
0
100
0
400
KHz
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0.01
3.45
0.01
0.9
µs
tr(SDA) tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
(2)
300
ns
tf(SDA) tf(SCL)
SDA and SCL fall time
300
20 + 0.1Cb
(2)
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition
setup time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP
and START condition
4.7
1.3
1.
Data based on standard I2C protocol requirement, not tested in production
2.
Cb = total capacitance of one bus line, in pF
b.
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START


Similar Part No. - LIS33DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS331ALTR STMICROELECTRONICS-LIS331ALTR Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS331DLF STMICROELECTRONICS-LIS331DLF Datasheet
684Kb / 38P
   MEMS digital output motion sensor ultra low-power high performance 3-axes ?쐍ano??accelerometer
More results

Similar Description - LIS33DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
   MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com