Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS35DETR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS35DETR
Description  MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS35DETR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS35DETR Datasheet HTML 4Page - STMicroelectronics LIS35DETR Datasheet HTML 5Page - STMicroelectronics LIS35DETR Datasheet HTML 6Page - STMicroelectronics LIS35DETR Datasheet HTML 7Page - STMicroelectronics LIS35DETR Datasheet HTML 8Page - STMicroelectronics LIS35DETR Datasheet HTML 9Page - STMicroelectronics LIS35DETR Datasheet HTML 10Page - STMicroelectronics LIS35DETR Datasheet HTML 11Page - STMicroelectronics LIS35DETR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Block diagram and pin description
LIS35DE
8/39
Doc ID 15594 Rev 1
Table 2.
Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
GND
0V supply
3
Reserved
Connect to Vdd
4
GND
0V supply
5
GND
0V supply
6
Vdd
Power supply
7CS
SPI enable
I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
8
INT 1
Inertial interrupt 1
9
INT 2
Inertial interrupt 2
10
GND
0V supply
11
Reserved
Connect to Gnd
12
SDO
SPI serial data output
I2C less significant bit of the device address
13
SDA
SDI
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
14
SCL
SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)


Similar Part No. - LIS35DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
   MEMS motion sensor: 3-axis 2 g analog-output
LIS352ARTR STMICROELECTRONICS-LIS352ARTR Datasheet
251Kb / 15P
   MEMS motion sensor: 3-axis 2 g analog-output
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
More results

Similar Description - LIS35DETR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS202DL STMICROELECTRONICS-LIS202DL Datasheet
332Kb / 36P
   MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output ?쐍ano??accelerometer
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
   MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output -nano-accelerometer
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com