Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VCX16244DT Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC74VCX16244DT
Description  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VCX16244DT Datasheet(HTML) 4 Page - Motorola, Inc

  MC74VCX16244DT Datasheet HTML 1Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 2Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 3Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 4Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 5Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 6Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 7Page - Motorola, Inc MC74VCX16244DT Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VCX16244
MOTOROLA
LCX DATA
BR1339 — REV 2
4
DC ELECTRICAL CHARACTERISTICS (2.7V < VCC ≤ 3.6V)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V < VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V < VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V < VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V < VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL = 12mA
0.4
VCC = 3.0V; IOL = 18mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
II
Input Leakage Current
2.7V < VCC ≤ 3.6V; 0V ≤ VI ≤ 3.6V
±5.0
µA
IOZ
3–State Output Current
2.7V < VCC ≤ 3.6V; 0V ≤ VO ≤ 3.6V;
VI = VIH or VIL
±10
µA
IOFF
Power–Off Leakage Current
VCC = 0V; 0V ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
2.7V < VCC ≤ 3.6V; VI = GND or VCC
20
µA
2.7V < VCC ≤ 3.6V; VCC ≤ (VI, VO) ≤ 3.6V
±20
µA
∆ICC
Increase in ICC per Input
2.7V < VCC ≤ 3.6V; VIH = VCC – 0.6V
750
µA
2. These values of VI are used to test DC electrical characteristics only.
DC ELECTRICAL CHARACTERISTICS (2.3V
≤ VCC ≤ 2.7V)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 3.)
2.3V
≤ VCC ≤ 2.7V
1.6
V
VIL
LOW Level Input Voltage (Note 3.)
2.3V
≤ VCC ≤ 2.7V
0.7
V
VOH
HIGH Level Output Voltage
2.3V
≤ VCC ≤ 2.7V; IOH = –100µA
VCC – 0.2
V
VCC = 2.3V; IOH = –6mA
2.0
VCC = 2.3V; IOH = –12mA
1.8
VCC = 2.3V; IOH = –18mA
1.7
VOL
LOW Level Output Voltage
2.3V
≤ VCC ≤ 2.7V; IOL = 100µA
0.2
V
VCC = 2.3V; IOL = 12mA
0.4
VCC = 2.3V; IOL = 18mA
0.6
II
Input Leakage Current
2.3V
≤ VCC ≤ 2.7V; 0V ≤ VI ≤ 3.6V
±5.0
µA
IOZ
3–State Output Current
2.3V
≤ VCC ≤ 2.7V;
0V
≤ VO ≤ 3.6V; VI = VIH or V IL
±10
µA
IOFF
Power–Off Leakage Current
VCC = 0V; 0V ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
2.3V
≤ VCC ≤ 2.7V; VI = GND or VCC
20
µA
2.3V
≤ VCC ≤ 2.7V; VCC ≤ (VI, VO) ≤ 3.6V
±20
µA
3. These values of VI are used to test DC electrical characteristics only.


Similar Part No. - MC74VCX16244DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16245DT MOTOROLA-MC74VCX16245DT Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
More results

Similar Description - MC74VCX16244DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX162244 MOTOROLA-MC74VCX162244 Datasheet
135Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
logo
Motorola, Inc
MC74VCX16374 MOTOROLA-MC74VCX16374 Datasheet
142Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
logo
Pericom Semiconductor C...
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
   1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com