Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA33 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # 15KPA33
Description  HIGHCURRENT THRU-HOLE DISCRETE TVS DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

15KPA33 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  15KPA33 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. 15KPA33 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 15KPA33

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA33 PROTEC-15KPA33 Datasheet
72Kb / 5P
   POWER TVS COMPONENT
15KPA33 PROTEC-15KPA33 Datasheet
422Kb / 7P
   15kW power tvs component
logo
Ruilongyuan Electronics...
15KPA33A RUILON-15KPA33A Datasheet
877Kb / 7P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
15KPA33A SOCAY-15KPA33A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Protek Devices
15KPA33A PROTEC-15KPA33A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
More results

Similar Description - 15KPA33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
   SP1124T Discrete Unidirectional TVS Diode
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
   450W Discrete Unidirectional TVS Diode
SD05C LITTELFUSE-SD05C Datasheet
702Kb / 4P
   450W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
   100W Discrete Bidirectional TVS Diode
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
   80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
   450W Discrete Unidirectional TVS Diode
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
   450W Discrete Bidirectional TVS Diode
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
RFE international
P4KE75A RFE-P4KE75A Datasheet
89Kb / 1P
   LEADED (THRU-HOLE) TVS DIODE: P4KE, P6KE, 1.5KE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com