Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATATMEGA88P Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATATMEGA88P
Description  8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATATMEGA88P Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATATMEGA88P Datasheet HTML 5Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 6Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 7Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 8Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 9Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 10Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 11Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 12Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
8025MS–AVR–6/11
ATmega48P/88P/168P
7.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
(0xFE)
Reserved
(0xFD)
Reserved
(0xFC)
Reserved
(0xFB)
Reserved
(0xFA)
Reserved
(0xF9)
Reserved
(0xF8)
Reserved
(0xF7)
Reserved
(0xF6)
Reserved
(0xF5)
Reserved
(0xF4)
Reserved
(0xF3)
Reserved
(0xF2)
Reserved
(0xF1)
Reserved
(0xF0)
Reserved
(0xEF)
Reserved
(0xEE)
Reserved
(0xED)
Reserved
(0xEC)
Reserved
(0xEB)
Reserved
(0xEA)
Reserved
(0xE9)
Reserved
(0xE8)
Reserved
(0xE7)
Reserved
(0xE6)
Reserved
(0xE5)
Reserved
(0xE4)
Reserved
(0xE3)
Reserved
(0xE2)
Reserved
(0xE1)
Reserved
(0xE0)
Reserved
(0xDF)
Reserved
(0xDE)
Reserved
(0xDD)
Reserved
(0xDC)
Reserved
(0xDB)
Reserved
(0xDA)
Reserved
(0xD9)
Reserved
(0xD8)
Reserved
(0xD7)
Reserved
(0xD6)
Reserved
(0xD5)
Reserved
(0xD4)
Reserved
(0xD3)
Reserved
(0xD2)
Reserved
(0xD1)
Reserved
(0xD0)
Reserved
(0xCF)
Reserved
(0xCE)
Reserved
(0xCD)
Reserved
(0xCC)
Reserved
(0xCB)
Reserved
(0xCA)
Reserved
(0xC9)
Reserved
(0xC8)
Reserved
(0xC7)
Reserved
(0xC6)
UDR0
USART I/O Data Register
193
(0xC5)
UBRR0H
USART Baud Rate Register High
197
(0xC4)
UBRR0L
USART Baud Rate Register Low
197
(0xC3)
Reserved
(0xC2)
UCSR0C
UMSEL01
UMSEL00
UPM01
UPM00
USBS0
UCSZ01 /UDORD0
UCSZ00 / UCPHA0
UCPOL0
195/210


Similar Part No. - ATATMEGA88P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATATMEGA165PA ATMEL-ATATMEGA165PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA3250A ATMEL-ATATMEGA3250A Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA3250PA ATMEL-ATATMEGA3250PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA325A ATMEL-ATATMEGA325A Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA325PA ATMEL-ATATMEGA325PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
More results

Similar Description - ATATMEGA88P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_10 Datasheet
8Mb / 420P
   8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48_10-07 ATMEL-ATMEGA48_10-07 Datasheet
7Mb / 378P
   8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com