Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATATMEGA88P Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATATMEGA88P
Description  8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATATMEGA88P Datasheet(HTML) 4 Page - ATMEL Corporation

  ATATMEGA88P Datasheet HTML 1Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 2Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 3Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 4Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 5Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 6Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 7Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 8Page - ATMEL Corporation ATATMEGA88P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
8025MS–AVR–6/11
ATmega48P/88P/168P
The various special features of Port D are elaborated in ”Alternate Functions of Port D” on page
86.
1.1.7
AV
CC
AV
CC is the supply voltage pin for the A/D Converter, PC3:0, and ADC7:6. It should be externally
connected to V
CC, even if the ADC is not used. If the ADC is used, it should be connected to VCC
through a low-pass filter. Note that PC6:4 use digital supply voltage, V
CC.
1.1.8
AREF
AREF is the analog reference pin for the A/D Converter.
1.1.9
ADC7:6 (TQFP and QFN/MLF Package Only)
In the TQFP and QFN/MLF package, ADC7:6 serve as analog inputs to the A/D converter.
These pins are powered from the analog supply and serve as 10-bit ADC channels.
2.
Overview
The ATmega48P/88P/168P is a low-power CMOS 8-bit microcontroller based on the AVR
enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the
ATmega48P/88P/168P achieves throughputs approaching 1 MIPS per MHz allowing the system
designer to optimize power consumption versus processing speed.


Similar Part No. - ATATMEGA88P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATATMEGA165PA ATMEL-ATATMEGA165PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA3250A ATMEL-ATATMEGA3250A Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA3250PA ATMEL-ATATMEGA3250PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA325A ATMEL-ATATMEGA325A Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
ATATMEGA325PA ATMEL-ATATMEGA325PA Datasheet
676Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
More results

Similar Description - ATATMEGA88P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_10 Datasheet
8Mb / 420P
   8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48_10-07 ATMEL-ATMEGA48_10-07 Datasheet
7Mb / 378P
   8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA165P ATMEL-ATMEGA165P_08 Datasheet
363Kb / 20P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com