Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128A4_1012 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATXMEGA128A4_1012
Description  8/16-bit XMEGA A4 Microcontroller
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A4_1012 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATXMEGA128A4_1012 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128A4_1012 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
Features
High-performance, Low-power 8/16-bit Atmel
® AVR® XMEGAMicrocontroller
Non-volatile Program and Data Memories
– 16 KB - 128 KB of In-System Self-Programmable Flash
– 4 KB - 8 KB Boot Code Section with Independent Lock Bits
– 1 KB - 2 KB EEPROM
– 2 KB - 8 KB Internal SRAM
Peripheral Features
– Four-channel DMA Controller with support for external requests
– Eight-channel Event System
– Five 16-bit Timer/Counters
Three Timer/Counters with 4 Output Compare or Input Capture channels
Two Timer/Counters with 2 Output Compare or Input Capture channels
High-Resolution Extensions on all Timer/Counters
Advanced Waveform Extension on one Timer/Counter
– Five USARTs
IrDA Extension on one USART
– Two Two-Wire Interfaces with dual address match (I2C and SMBus compatible)
– Two SPIs (Serial Peripheral Interfaces) peripherals
– AES and DES Crypto Engine
– 16-bit Real Time Counter with Separate Oscillator
– One Twelve-channel, 12-bit, 2 Msps Analog to Digital Converter
– One Two-channel, 12-bit, 1 Msps Digital to Analog Converter
– Two Analog Comparators with Window compare function
– External Interrupts on all General Purpose I/O pins
– Programmable Watchdog Timer with Separate On-chip Ultra Low Power Oscillator
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal and External Clock Options with PLL
– Programmable Multi-level Interrupt Controller
– Sleep Modes: Idle, Power-down, Standby, Power-save, Extended Standby
– Advanced Programming, Test and Debugging Interfaces
PDI (Program and Debug Interface) for programming, test and debugging
I/O and Packages
– 34 Programmable I/O Lines
– 44 - lead TQFP
– 44 - pad VQFN/QFN
– 49 - ball VFBGA
Operating Voltage
– 1.6 – 3.6V
Speed performance
– 0 – 12 MHz @ 1.6 – 3.6V
– 0 – 32 MHz @ 2.7 – 3.6V
Typical Applications
Industrial control
Climate control
Hand-held battery applications
Factory automation
ZigBee
Power tools
Building control
Motor control
HVAC
Board control
Networking
Metering
White Goods
Optical
Medical Applications
8/16-bit
XMEGA A4
Microcontroller
ATxmega128A4
ATxmega64A4
ATxmega32A4
ATxmega16A4
8069Q–AVR–12/10


Similar Part No. - ATXMEGA128A4_1012

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4 ATMEL-ATXMEGA128A4_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
More results

Similar Description - ATXMEGA128A4_1012

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4_09 Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com