Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA256A3 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATXMEGA256A3
Description  8/16-bit XMEGA A3 Microcontroller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA256A3 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATXMEGA256A3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA256A3 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
9
8068T–AVR–12/10
XMEGA A3
7.
Memories
7.1
Features
Flash Program Memory
– One linear address space
– In-System Programmable
– Self-Programming and Bootloader support
– Application Section for application code
– Application Table Section for application code or data storage
– Boot Section for application code or bootloader code
– Separate lock bits and protection for all sections
– Built in fast CRC check of a selectable flash program memory section
Data Memory
– One linear address space
– Single cycle access from CPU
– SRAM
– EEPROM
Byte and page accessible
Optional memory mapping for direct load and store
– I/O Memory
Configuration and Status registers for all peripherals and modules
16 bit-accessible General Purpose Register for global variables or flags
– Bus arbitration
Safe and deterministic handling of CPU and DMA Controller priority
– Separate buses for SRAM, EEPROM, I/O Memory and External Memory access
Simultaneous bus access for CPU and DMA Controller
Production Signature Row Memory for factory programmed data
Device ID for each microcontroller device type
Serial number for each device
Oscillator calibration bytes
ADC, DAC and temperature sensor calibration data
User Signature Row
One flash page in size
Can be read and written from software
Content is kept after chip erase
7.2
Overview
The AVR architecture has two main memory spaces, the Program Memory and the Data Mem-
ory. In addition, the XMEGA A3 features an EEPROM Memory for non-volatile data storage. All
three memory spaces are linear and require no paging. The available memory size configura-
tions are shown in ”Ordering Information” on page 2. In addition each device has a Flash
memory signature row for calibration data, device identification, serial number etc.
Non-volatile memory spaces can be locked for further write or read/write operations. This pre-
vents unrestricted access to the application software.


Similar Part No. - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATxmega256A3 ATMEL-ATxmega256A3 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3-AU ATMEL-ATXMEGA256A3-AU Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATxmega256A3-AU ATMEL-ATxmega256A3-AU Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
More results

Similar Description - ATXMEGA256A3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3 Datasheet
979Kb / 76P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com