Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA192D3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA192D3
Description  8/16-bit XMEGA D3 Microcontroller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA192D3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA192D3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA192D3 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
11
8134I–AVR–12/10
XMEGA D3
7.4
Data Memory
The Data Memory consist of the I/O Memory, EEPROM and SRAM memories, all within one lin-
ear address space, see Figure 7-2 on page 11. To simplify development, the memory map for all
devices in the family is identical and with empty, reserved memory space for smaller devices.
Figure 7-2.
Data Memory Map (Hexadecimal address)
Byte Address
ATxmega192D3
Byte Address
ATxmega128D3
Byte Address
ATxmega64D3
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
FFF
FFF
FFF
1000
EEPROM
(2K)
1000
EEPROM
(2K)
1000
EEPROM
(2K)
17FF
17FF
17FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM
(16K)
2000
Internal SRAM
(8K)
2000
Internal SRAM
(4K)
5FFF
3FFF
2FFF
Byte Address
ATxmega256D3
0
I/O Registers
(4KB)
FFF
1000
EEPROM
(4K)
1FFF
2000
Internal SRAM
(16K)
5FFF


Similar Part No. - ATXMEGA192D3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA192D3 ATMEL-ATXMEGA192D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA192D3-AU ATMEL-ATXMEGA192D3-AU Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA192D3-MH ATMEL-ATXMEGA192D3-MH Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
More results

Similar Description - ATXMEGA192D3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com