Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C1502 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-C1502
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C1502 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-C1502 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C1502 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C1502 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C1502 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C1502 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCX 51 ... BCX 53
Semiconductor Group
3
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
DC current gain1)
IC = 5 mA, VCE = 2 V
IC = 150 mA, VCE = 2 V
BCX 51, BCX 52, BCX 53
BCX 51-10, BCX 52-10, BCX 53-10
BCX 51-16, BCX 52-16, BCX 53-16
IC = 500 mA, VCE = 2 V
hFE
25
40
63
100
25
100
160
250
160
250
V
Collector-emitter breakdown voltage
IC = 10 mA
BCX 51
BCX 52
BCX 53
V(BR)CE0
45
60
80
nA
µA
Collector cutoff current
VCB = 30 V
VCB = 30 V, TA = 150 ˚C
ICB0
100
20
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BCX 51
BCX 52
BCX 53
V(BR)CB0
45
60
100
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
0.5
Base-emitter voltage1)
IC = 500 mA, VCE = 2 V
VBE
––1
nA
Emitter cutoff current
VEB = 4 V
IEB0
––20
MHz
Transition frequency
IC = 50 mA, VCE = 10 V, f = 20 MHz
fT
125
AC characteristics
1)
Pulse test: t
300 µs, D = 2 %.


Similar Part No. - Q62702-C1502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C150 SIEMENS-Q62702-C150 Datasheet
240Kb / 8P
   PNP SILICON TRANSISTOR
Q62702-C1501 SIEMENS-Q62702-C1501 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
Q62702-C1504 SIEMENS-Q62702-C1504 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
Q62702-C1505 SIEMENS-Q62702-C1505 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
Q62702-C1506 SIEMENS-Q62702-C1506 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - Q62702-C1502

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com