Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-C629 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-C629
Description  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-C629 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-C629 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-C629 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
250
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
–10
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
h11e
2.7
3.6
4.5
7.5
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
h12e
1.5
2
2
3
Unit
Values
Parameter
Symbol
min.
typ.
max.
dB
Noise figure
IC = 0.2 mA, VCE = 5 V, RS = 2 k
f = 1 kHz,
f = 200 Hz
F
–2–
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
h21e
200
260
330
520
µS
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCX 78 VII, BCX 79 VII
BCX 78 VIII, BCX 79 VIII
BCX 78 IX, BCX 79 IX
BCX 78 X,
BCX 79 X
h22e
18
24
30
50
BCX 78
BCX 79


Similar Part No. - Q62702-C629

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-C620 SIEMENS-Q62702-C620 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Q62702-C621 SIEMENS-Q62702-C621 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Q62702-C623 SIEMENS-Q62702-C623 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Q62702-C624 SIEMENS-Q62702-C624 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Q62702-C625 SIEMENS-Q62702-C625 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
More results

Similar Description - Q62702-C629

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com