Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS3-1I Datasheet(PDF) 10 Page - Fuji Electric

Part # EDS3-1I
Description  SAMPLING DEVICE SERIES FOR GAS ANALYZER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-1I Datasheet(HTML) 10 Page - Fuji Electric

Back Button EDS3-1I Datasheet HTML 6Page - Fuji Electric EDS3-1I Datasheet HTML 7Page - Fuji Electric EDS3-1I Datasheet HTML 8Page - Fuji Electric EDS3-1I Datasheet HTML 9Page - Fuji Electric EDS3-1I Datasheet HTML 10Page - Fuji Electric EDS3-1I Datasheet HTML 11Page - Fuji Electric EDS3-1I Datasheet HTML 12Page - Fuji Electric EDS3-1I Datasheet HTML 13Page - Fuji Electric EDS3-1I Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
OUTLINE ( Unit : mm )
Model : ZBJ02503-72P
Model : ZBJ16253-
P
24
48
Inlet of gas to be dehumidified
Coupling for ø6.35 tube
Dry gas outlet
Coupling for ø6.35 tube
External cylinder tube (PP)
Coupling (fluorocarbon polymers)
Coupling (fluorocarbon polymers)
Purge gas outlet
Coupling for ø6.35 tube
Purge gas inlet
Coupling for ø6.35 tube
1800
1890
Spring pin (SUS)
Cap (PP)
Coupling for ø6 tube
Casing (PP)
RC1/4
RC1/4
2-RC1/4
B
86
A
Model
A
APPROX.
B
APPROX.
MASS
APPROX.
ZBJ16253-24P
714
600
250g
ZBJ16253-48P
1314
1200
355g
Gas dryer
Application example 2: When all volume of sample gas is usable for purge gas;
1) The purge outlet must always be open to the atmo-
sphere.
2) Ahighersamplepressureisadvantageous.Thepres-
sureshouldnormallybe0.1MPaatmaximumand0.05
MPaatminimum.Ifthepressureislow,anadequate
dehumidificationeffectmaynotbeobtainable.
3) The pressure gauge, when provided, is helpful for
monitoringtheoperationalstatus.
4) If drain occurs due to pressurization by the pump, it
shouldpartiallybebypassedwiththedrainseparator.
P
F
Drain bypass
Pressure
gauge
Filter
Analyzer
Flowmeter
Gas
dryer
Drain separator
Restrictor
Purge outlet
Sample gas
Pump
Caution on Use
1.Establishtheflowpathsodrygasflowsonthefaceoppo-
sitetothesemi-transparentfacethatcontactthegasto
bedriedasshownbytheexampleofuse.
2.Dust should be removed by installing a filter of filtra-
tion accuracy 5µm or less before the dryer.Oil mist
shouldalsobedisposedbeforethedryer.
3.If water drops enters the semi-permeable membrane
tube,onlythewaterpermeatesthemembraneandthe
salts dissolved in the water are precipitated to cause
clogging.Therefore,theflowpathshouldbedesigned
soasnottoallowentranceofwaterdrops.
4.This dryer has a large drying capacity and can reduce
humidity, but cannot maintain humidity at a constant
levelbytheordinaryusage.
Forusingthisdryerasahumidityconditioner,theflow
rate, pressure and temperature need to be kept con-
stant.
5.This dryer is unusable for gases of alcohol, ketone,
andhigh-concentrationammonia,andthosecontaining
steamandNO2morethan100ppm.


Similar Part No. - EDS3-1I

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-101C FUJI-EDS3-101C Datasheet
505Kb / 8P
   IN-SITU ZIRCONIA OXYGEN ANALYZER (ZIRCOMAT-P with built-in microcompuer)
EDS3-103 FUJI-EDS3-103 Datasheet
225Kb / 4P
   INFRARED GAS ANALYZER
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
   INFRARED CO2 CONTROLLER
EDS3-107A FUJI-EDS3-107A Datasheet
84Kb / 4P
   Micro-chip Type OXYGEN ANALYZER
More results

Similar Description - EDS3-1I

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-116E FUJI-EDS3-116E Datasheet
101Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-128 FUJI-EDS3-128 Datasheet
100Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-143 FUJI-EDS3-143 Datasheet
1Mb / 16P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com