Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS3-110D Datasheet(PDF) 5 Page - Fuji Electric

Part # EDS3-110D
Description  NDIR TYPE INFRARED GAS ANALYZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-110D Datasheet(HTML) 5 Page - Fuji Electric

  EDS3-110D Datasheet HTML 1Page - Fuji Electric EDS3-110D Datasheet HTML 2Page - Fuji Electric EDS3-110D Datasheet HTML 3Page - Fuji Electric EDS3-110D Datasheet HTML 4Page - Fuji Electric EDS3-110D Datasheet HTML 5Page - Fuji Electric EDS3-110D Datasheet HTML 6Page - Fuji Electric EDS3-110D Datasheet HTML 7Page - Fuji Electric EDS3-110D Datasheet HTML 8Page - Fuji Electric EDS3-110D Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Description of sample switching system
The measured gas is divided into two, and in one of the
flow paths, a high performance converter is provided to con-
vert carbon monoxide into carbonic acid gas. Here, the
carbon monoxide in the measured gas is eliminated and the
gas is led into one cell of the high-sensitivity infrared ana-
lyzer. In the other flow path, the gas is led directly into the
other cell of the analyzer.
These flow paths are changed over via changeover valves
SV
1 and SV2 every 50 seconds by means of the changeover
valve drive signal transmitted from the analyzer. By carry-
ing out this changeover cyclically, the output of the ana-
lyzer varies with the concentration of the carbon monoxide
in the measured gas. Use of the obtained variation width
as a measured value enables improving the S/N ratio and
eliminating the effect of interfering components plus zero
drift.
Infrared light source
(single light source)
Motor
Rotary sector
(one-point chopper)
Sector synchronous
signal
Alarm output
Range identification signal
Calibration output
SV drive signal
Remote range input
External hold input
(Option)
Output,
0 to 1V or
4 to 20mA
DC
Operating key
Sample
gas inlet
Sample cell
AC voltage
amplifier
Sample
gas outlet
Gain
changeover
A/D
CPU
Relay drive signal
Indicator
Indication
D/A
Contact input,output
RAM
ROM
Distribution cell
(interference filter)
Interference compensating
detector
Trimmer
Reference cell
Reference
gas inlet
Reference
gas outlet
CO
measured
gas
1ry filter
Pump
SV4
Reference gas
SV3
SV1 SV2
SV2
SV1
Temperature
controller
CO/CO2
converter
Flowrator
2ry filter
ZRG3
Reference
cell
Sample
cell
Sample
switching
type analyzer
Relay
Output signal
FUNDAMENTAL DIAGRAM (Sample switching type)


Similar Part No. - EDS3-110D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-111E FUJI-EDS3-111E Datasheet
115Kb / 8P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-115C FUJI-EDS3-115C Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-116E FUJI-EDS3-116E Datasheet
101Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
More results

Similar Description - EDS3-110D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-111E FUJI-EDS3-111E Datasheet
115Kb / 8P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
EDS3-108E FUJI-EDS3-108E Datasheet
179Kb / 16P
   MICROPROCESSOR BASED NDIR GAS ANALYZER
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-143 FUJI-EDS3-143 Datasheet
1Mb / 16P
   INFRARED GAS ANALYZER
EDS3-103 FUJI-EDS3-103 Datasheet
225Kb / 4P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com