Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS3-128 Datasheet(PDF) 5 Page - Fuji Electric

Part # EDS3-128
Description  CO/O2 GAS ANALYZER FOR STACK GAS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-128 Datasheet(HTML) 5 Page - Fuji Electric

  EDS3-128 Datasheet HTML 1Page - Fuji Electric EDS3-128 Datasheet HTML 2Page - Fuji Electric EDS3-128 Datasheet HTML 3Page - Fuji Electric EDS3-128 Datasheet HTML 4Page - Fuji Electric EDS3-128 Datasheet HTML 5Page - Fuji Electric EDS3-128 Datasheet HTML 6Page - Fuji Electric EDS3-128 Datasheet HTML 7Page - Fuji Electric EDS3-128 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Name
2 sheets
General extractor
or without
extractor
Type of extractor
Filter paper for membrane filter (Spare)
2
Fuse with nail (3A)
1
Standard gas joint
6
Hose band for fixing standard gas cylinder
1
Toalon tube for standard gas connection, 0.3m and
φ9/φ6mm
1
Polyethylene tube for standard gas connection, 1m and
φ6/φ4mm
1
Fixed restrictor for standard gas connection
1
Water bottle for injection
1 pc. or none
Gas extractor flange packing
1 set or none
Gas extractor fastening bolt and nut
O-ring (G50) for gas extractor (spare)
Heating tube support (only when heating tube is provided)
1 copy
Instruction manual
2 sheets
General extractor
with extraction
point filter
2
1
6
1
1
1
1
1 pc.
1 set
1 copy
2 sheets
Heating extractor
2
1
6
1
1
1
1
1 pc.
1 set
1
1 set
1 copy
Extraction point filter fastening bolt and nut
1 set
Standard Accessories
Spare Parts for 1-Year Measurement
4
Fuse (3A)
2
Element for mist filter
2
O-ring (G65) for mist filter
1
Diaphragm for gas aspirator
1
Gas aspirator valve
Filter for extraction point filter
O-ring (G65) for extraction point filter
Mesh filter for heating extractor
Packing for heating extractor
Seal metal packing for heating extractor
O-ring (G50) for heating extractor
4
2
2
1
1
12
2
4
2
2
Rubber ring for membrane filter
2
O-ring (G65) for membrane filter
2
2
2
2
2
1
1
1
1 pc.
1 pc.
1
Name
ZBN1SW12
General extractor
or without
extractor
Type of extractor
Type
1 bag
Filter paper for membrane filter (25 sheets)
ZBN1SW22
General extractor
with extraction
point filter
1 bag
ZBN1SW32
Heating extractor
1 bag
Recorder (Option)
• Standard accessory:
Ink cartridge
× 1
Recording paper
× 1 roll
• Spares for 1 year:
PHE type recorder
Ink cartridge (Type: PHZH2002)
× 2
Recording paper (Type: PEX00DL1-5000B)
× 12 rolls
PHC type recorder
Ink cartridge (Type: PHZH1002)
× 2
Recording paper (Type: PEX00DL1-5000B)
× 12 rolls


Similar Part No. - EDS3-128

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-124C FUJI-EDS3-124C Datasheet
679Kb / 12P
   IN-SITU ZIRCONIA OXYGEN ANALYZER
EDS3-125B FUJI-EDS3-125B Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
More results

Similar Description - EDS3-128

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-116E FUJI-EDS3-116E Datasheet
101Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
   INFRARED GAS ANALYZER FOR STACK GAS
logo
MKS Instruments.
PRECISIVE5-162 MKS-PRECISIVE5-162 Datasheet
417Kb / 2P
   Flare Stack Gas Analyzer
logo
Fuji Electric
EDS3-135E FUJI-EDS3-135E Datasheet
676Kb / 12P
   cross stacK laser Gas analYZer
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-143 FUJI-EDS3-143 Datasheet
1Mb / 16P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com