Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS3-130F Datasheet(PDF) 9 Page - Fuji Electric

Part # EDS3-130F
Description  COMPACT TYPE GAS ANALYZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-130F Datasheet(HTML) 9 Page - Fuji Electric

Back Button EDS3-130F Datasheet HTML 5Page - Fuji Electric EDS3-130F Datasheet HTML 6Page - Fuji Electric EDS3-130F Datasheet HTML 7Page - Fuji Electric EDS3-130F Datasheet HTML 8Page - Fuji Electric EDS3-130F Datasheet HTML 9Page - Fuji Electric EDS3-130F Datasheet HTML 10Page - Fuji Electric EDS3-130F Datasheet HTML 11Page - Fuji Electric EDS3-130F Datasheet HTML 12Page - Fuji Electric EDS3-130F Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
• 2-component analyzer (NOx analyzer + CO analyzer);
Possible range in combination of Table 1 (NOx analyzer) and Table 1 (CO analyzer)
• 3-component analyzer (NOx analyzer + SO2 analyzer + CO analyzer);
Possible range in combination of Table 2 (NOx analyzer + SO2 analyzer) and Table 1 (CO analyzer)
• 3-component analyzer (NOx analyzer + SO2 analyzer + CO2 analyzer);
Possible range in combination of Table 2 (NOx analyzer + SO2 analyzer) and Table 1 (CO2 analyzer)
• 3-component analyzer (NOx analyzer + CO2 analyzer + CO analyzer);
Possible range in combination of Table 1 (NOx analyzer) and Table 3 (CO2 analyzer + CO analyzer)
• 3-component analyzer (SO2 analyzer + CO2 analyzer + CO analyzer);
Possible range in combination of Table 1 (SO2 analyzer) and Table 3 (CO2 analyzer + CO analyzer)
• 3-component analyzer (CH4 analyzer + CO2 analyzer + CO analyzer);
Possible range in combination of Table 1 (CH4 analyzer) and Table 3 (CO2 analyzer + CO analyzer)
• 4-component analyzer (NOx analyzer + SO2 analyzer + CO2 analyzer + CO analyzer);
Possible range in combination of Table 2 (NOx analyzer + SO2 analyzer) and Table 3 (CO2 analyzer + CO
analyzer)
Table 4: 2-Component Analyzer (CH4 analyzer + CO analyzer)
Table 5: 2-Component Analyzer (CO2 analyzer + CH4 analyzer)
○:
Product available
A
Range values are the same as those of CH4 analyzer.
AB
CD
E
F
G
H
J
K
B
C
D
E
F
G
H
J
K
0 to 200/500/1000ppm
0 to 500/1000/2000ppm
0 to 1000/2000/5000ppm
0 to 2000/5000ppm/1%
0 to 5000ppm/1/2%
0 to 1/2/5%
0 to 2/5/10%
0 to 5/10/20%
0 to 10/20/50%
0 to 20/50/100%
CO analyzer range
CH4 analyzer range
○:
Product available
A
Range values are the same as those of CO2 analyzer.
AB
CD
E
F
G
H
J
K
B
C
D
E
F
G
H
J
K
0
∼200/500/1000ppm
0
∼500/1000/2000ppm
0
∼1000/2000/5000ppm
0
∼2000/5000ppm/1%
0
∼5000ppm/1/2%
0
∼1/2/5%
0
∼2/5/10%
0
∼5/10/20%
0
∼10/20/50%
0
∼20/50/100%
CH4 analyzer
range
CO2 analyzer range


Similar Part No. - EDS3-130F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-132C FUJI-EDS3-132C Datasheet
141Kb / 12P
   COMPACT TYPE GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-134A FUJI-EDS3-134A Datasheet
392Kb / 8P
   INFRARED GAS ANALYZER FOR HEAT TREATMENT FURNACES
EDS3-135E FUJI-EDS3-135E Datasheet
676Kb / 12P
   cross stacK laser Gas analYZer
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
More results

Similar Description - EDS3-130F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-132C FUJI-EDS3-132C Datasheet
141Kb / 12P
   COMPACT TYPE GAS ANALYZER
EDS3-110D FUJI-EDS3-110D Datasheet
156Kb / 16P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-126A FUJI-EDS3-126A Datasheet
118Kb / 4P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-111E FUJI-EDS3-111E Datasheet
115Kb / 8P
   NDIR TYPE INFRARED GAS ANALYZER
EDS3-123M FUJI-EDS3-123M Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(5-COMPONENT ANALYZER)
EDS3-141A FUJI-EDS3-141A Datasheet
1Mb / 20P
   NDIR TYPE INFRARED GAS ANALYZER(3-COMPONENT ANALYZER)
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com