Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS3-135E Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS3-135E
Description  cross stacK laser Gas analYZer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS3-135E Datasheet(HTML) 4 Page - Fuji Electric

  EDS3-135E Datasheet HTML 1Page - Fuji Electric EDS3-135E Datasheet HTML 2Page - Fuji Electric EDS3-135E Datasheet HTML 3Page - Fuji Electric EDS3-135E Datasheet HTML 4Page - Fuji Electric EDS3-135E Datasheet HTML 5Page - Fuji Electric EDS3-135E Datasheet HTML 6Page - Fuji Electric EDS3-135E Datasheet HTML 7Page - Fuji Electric EDS3-135E Datasheet HTML 8Page - Fuji Electric EDS3-135E Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ZSS
4
1
3
5
K
Q
S
L
V
0
1
T
A
B
C
D
J
E
F
G
H
M
X
4 5 6 7
4
0
ZSS
8
9 10 11 12 13
14 15 16 17
Y
Specification
Note
Digit
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
Measurable components
Unit
Measuring range
Modification No.
Flange rating
Number of analog output points
Number of analog input points
Analog output
Contact output/input
Cable length between receiver
and control unit
Cable length between receiver
and transmitter
Display and operation manual
Measuring optical path length
(unit: 1m)
Measuring optical path length
(unit: 0.1m)
Measuring optical path length
(unit: 0.01m)
Dust proof specification
A
B
C
F
G
H
K
L
P
Q
R
W
X
4
Y
A
B
C
D
0
1
A
B
1
2
3
4
5
0
1
21
A
B
C
D
E
F
G
H
X
A
B
C
D
E
F
X
J
E
C
18 19 20
0
1
2
3
4
5
6
7
8
9
0
1
2
3
4
5
6
7
8
9
0
5
9
N
D
CO
CO (For use in high temperature)
HCl
HCl+H2O
CO2
CO2 (For use in high temperature)
CO+CO2
CO+CO2 (For use in high temperature)
O2 (Class 1 Laser)
O2 (For use in high dust)
CH4
NH3
NH3+H2O
ppm
mg/m3
vol%
0 to 2
0 to 2.5
0 to 4
0 to 5
0 to 10
0 to 15
0 to 20
0 to 25
0 to 50
0 to 100
0 to 200
0 to 250
0 to 400
0 to 500
0 to 1000
0 to 2000
0 to 5000
0 to 6000
Others
10K 50A (JIS B 2212)
10K 100A
DN50/PN10
ANSI #150 2B
2 points
4 points
2 points
6 points
4 to 20mA DC
0 to 20mA DC
0 to 1V DC
0 to 5V DC
1 to 5V DC
5 output points, No input
5output points, 3 input points
5m
10m
20m
30m
40m
50m
80m
100m
Others
2m
5m
10m
15m
20m
25m
Others
Japanese
English
Chinese
0m
1m
2m
3m
4m
5m
6m
7m
8m
9m
0.0m
0.1m
0.2m
0.3m
0.4m
0.5m
0.6m
0.7m
0.8m
0.9m
0.00m
0.05m
(Used only when 10m is specified)
Standard
Dust proof
Note 1
Note 1
Note 1
Note 1, 5
Note 1
Note 1, 9
Note 5
Note 5
Note 1
Note 1, 9
Note 2
Note 3
Note 6
Note 4
Note 7
Note 8
Note 1) When O2 conversion is required,
specify the reference O2
concentration (settable within
0 to 19vol%, O2: Integer).
(HCl meter, NH3 meter, CO meter)
Note 2) Specify the range within the
max/min range calculated from
path length.
If the measuring range x stack
length (optical path length)
exceeds 1000ppm/m,
consult Fuji.
Note 3) Cable length between receiver
and control unit: Max. 100m
Note 4) Cable length between receiver
and transmitter: Max. 25m
Note 5) Specified to use in high
temperature gas: 500°C or more,
and 1200°C or less
Note 6) Others (specified with X) are
possible only for 10 m or more.
Note 7) Others (specified with X) are
possible only for 5 m or more.
Note 8) Specify ‘D’ when dust exceeds
5g/Nm3-m.
Note 9) If H2O is contained in measured
component, be sure to write the
measured gas temperature into
“Specification sheet” at the last
page of this catalog, or contact
directly to Fuji’s service
department.
How to specify measuring optical path
length
Example: 2.25m 2 for 18th digit, 2 for
19th digit and 5 for 20th digit
10m 9 for 18th digit, 9 for
19th digit and 9 for 20th digit
code sYmBols
When ordering, be sure to submit the order sheet on the last page of this Data Sheet.


Similar Part No. - EDS3-135E

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS3-130F FUJI-EDS3-130F Datasheet
223Kb / 16P
   COMPACT TYPE GAS ANALYZER
EDS3-132C FUJI-EDS3-132C Datasheet
141Kb / 12P
   COMPACT TYPE GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-134A FUJI-EDS3-134A Datasheet
392Kb / 8P
   INFRARED GAS ANALYZER FOR HEAT TREATMENT FURNACES
EDS3-136 FUJI-EDS3-136 Datasheet
258Kb / 16P
   INFRARED GAS ANALYZER FOR STIC GAS
More results

Similar Description - EDS3-135E

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
PRECISIVE5-162 MKS-PRECISIVE5-162 Datasheet
417Kb / 2P
   Flare Stack Gas Analyzer
logo
Fuji Electric
EDS3-138B FUJI-EDS3-138B Datasheet
278Kb / 16P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-109E FUJI-EDS3-109E Datasheet
449Kb / 8P
   INFRARED GAS ANALYZER FOR STACK GAS
EDS3-116E FUJI-EDS3-116E Datasheet
101Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-128 FUJI-EDS3-128 Datasheet
100Kb / 8P
   CO/O2 GAS ANALYZER FOR STACK GAS
EDS3-122I FUJI-EDS3-122I Datasheet
786Kb / 16P
   INFRARED GAS ANALYZER
EDS3-117 FUJI-EDS3-117 Datasheet
120Kb / 2P
   PORTABLE GAS ANALYZER
EDS3-100B FUJI-EDS3-100B Datasheet
589Kb / 9P
   INFRARED GAS ANALYZER
EDS3-133F FUJI-EDS3-133F Datasheet
1,005Kb / 16P
   INFRARED GAS ANALYZER
EDS3-143 FUJI-EDS3-143 Datasheet
1Mb / 16P
   INFRARED GAS ANALYZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com