Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS5-87 Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS5-87
Description  OPTICAL PRESSURE TRANSMITTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS5-87 Datasheet(HTML) 3 Page - Fuji Electric

  EDS5-87 Datasheet HTML 1Page - Fuji Electric EDS5-87 Datasheet HTML 2Page - Fuji Electric EDS5-87 Datasheet HTML 3Page - Fuji Electric EDS5-87 Datasheet HTML 4Page - Fuji Electric EDS5-87 Datasheet HTML 5Page - Fuji Electric EDS5-87 Datasheet HTML 6Page - Fuji Electric EDS5-87 Datasheet HTML 7Page - Fuji Electric EDS5-87 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Optional specifications
Indication unit:
5-digit LCD indication, % or real scale in-
dication (as specified by code symbol)
Operating temperature range: –20 to
+70
°C
Oxygen oil-proof processing:
Fluorolube filled.
Wetted parts degreased
and cleaned.
Chlorine service: Fluorolube oil filled.
NACE specification:
H2S-proof treatment in
accordance with NACE
specification
Table 1 Remote Control Function
(Items readable and setting from hand-held
communicator)
Item
Reading
Setting
Description
Maximum range
Measuring range
Damping
Real scale
indication
Battery voltage
Error indication
Measured value
Adjustment
Maximum measuring range
of equipment
Actual measuring range
Variable within 0.2 to 32 sec.
Indication in industrial value
Battery voltage of equipment
Errors of detection unit and
amplifier
Measured data
Zero and span adjustment
Note: For operation of the “3” type transmitter (“3” at the 8th digit
of product code), a hand-held communicator is required to
have a version 1.6 or higher, but a communicator before
version 1.6 can be operated with memory data updated.
(Refer to the instruction manual of transmitter.)
Non-operating area
–40
60
–15
85 100
2.7
4
20
[
°C]
101
[kPa abs]
Fill-fluid: Silicon oil (Code: Y,G,N)
Fill-fluid: Silicon oil (Code: R)
Process temperature
Operating area
Fig. 1 Relation between process temperature and
operating pressure
Varies with
material.
Refer to
CODE
SYMBOLS.


Similar Part No. - EDS5-87

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-88 FUJI-EDS5-88 Datasheet
123Kb / 8P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results

Similar Description - EDS5-87

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-56A FUJI-EDS5-56A Datasheet
157Kb / 6P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS5-54A FUJI-EDS5-54A Datasheet
194Kb / 6P
   OPTICAL GAUGE PRESSURE TRANSMITTER
EDS5-88 FUJI-EDS5-88 Datasheet
123Kb / 8P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDS6-77B FUJI-EDS6-77B Datasheet
247Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE/ FLOW TRANSMITTER
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
   OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com