Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS5-88 Datasheet(PDF) 6 Page - Fuji Electric

Part # EDS5-88
Description  OPTICAL ABSOLUTE PRESSURE TRANSMITTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS5-88 Datasheet(HTML) 6 Page - Fuji Electric

  EDS5-88 Datasheet HTML 1Page - Fuji Electric EDS5-88 Datasheet HTML 2Page - Fuji Electric EDS5-88 Datasheet HTML 3Page - Fuji Electric EDS5-88 Datasheet HTML 4Page - Fuji Electric EDS5-88 Datasheet HTML 5Page - Fuji Electric EDS5-88 Datasheet HTML 6Page - Fuji Electric EDS5-88 Datasheet HTML 7Page - Fuji Electric EDS5-88 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FBK···3
6
OUTLINE DIAGRAM (Unit : mm)
Details of “B”
Details of “A”
Indicator (option)
315
FBKS
D
E
Rc1/4
G1/2
1/4–18NPT
1/2–14NPT
Type
FBKT
70
108
241
P
80
15
Mounting pipe
JIS 50A (2B)
U-bolt
(M8)
37 27
47
Gas vent, drain port
54
27
View from arrow P
A
Pressure connection
4–7/16-20UNF
Thread depth 13
(for oval flange)
φ15
φ7
E
D
φ18.5
B
Optical cable lead-in port
S
T
FBK
0
3–
A
C
V
H
M
T


Similar Part No. - EDS5-88

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-87 FUJI-EDS5-87 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results

Similar Description - EDS5-88

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-56A FUJI-EDS5-56A Datasheet
157Kb / 6P
   OPTICAL ABSOLUTE PRESSURE TRANSMITTER
EDSX5-79J FUJI-EDSX5-79J Datasheet
127Kb / 12P
   ABSOLUTE PRESSURE TRANSMITTER
EDSX5-91H FUJI-EDSX5-91H Datasheet
245Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER
EDS5-87 FUJI-EDS5-87 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER
EDS5-102B FUJI-EDS5-102B Datasheet
120Kb / 4P
   FC SERIES ABSOLUTE PRESSURE TRANSMITTER
EDS5-14D FUJI-EDS5-14D Datasheet
204Kb / 6P
   FCX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDS5-54A FUJI-EDS5-54A Datasheet
194Kb / 6P
   OPTICAL GAUGE PRESSURE TRANSMITTER
EDSX5-71 FUJI-EDSX5-71 Datasheet
120Kb / 6P
   FCX ??AX SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-75 FUJI-EDSX5-75 Datasheet
103Kb / 6P
   FCX ??C SERIES ABSOLUTE PRESSURE TRANSMITTER
EDSX5-97H FUJI-EDSX5-97H Datasheet
182Kb / 8P
   ABSOLUTE PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com