Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7802-1000-SMT Datasheet(PDF) 4 Page - CUI INC

Part # V7802-1000-SMT
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7802-1000-SMT Datasheet(HTML) 4 Page - CUI INC

  V7802-1000-SMT Datasheet HTML 1Page - CUI INC V7802-1000-SMT Datasheet HTML 2Page - CUI INC V7802-1000-SMT Datasheet HTML 3Page - CUI INC V7802-1000-SMT Datasheet HTML 4Page - CUI INC V7802-1000-SMT Datasheet HTML 5Page - CUI INC V7802-1000-SMT Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date
11/23/2011 │ page 4 of 6
CUI Inc
│ SERIES: V78-1000-SMT │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
TYPICAL APPLICATION CIRCUIT
REFLOW SOLDERING PROFILE
APPLICATION EXAMPLE
DERATING CURVE
0
20
40
60
80
100
120
-40
0
40
85
120
71
Safe Operating Area
Operating Temperature (°C)
V7805-1000-SMT
1
7,9
5
Vin
GND
Vo u t
C2
C1
6
10
ON/OFF
R1
R2
GND
470pF
C4
7,9
5
Vin
GND
+Vo u t
1
C1
22
F
6
C4
470pF
L
C2
DC/DC
Converter
0
50
100
150
200
250
90
M a x
(>2 2 0 C)
Se c
220 C
10
M ax
Se c
P eak .Tem p 2 40 C
Time (seconds)
1. C1 and C2 are required for best performance and should
be fitted close to the converter pins.
2. See the capacitor values for C1 and C2 in the external
capacitor table below. These can be increased if required
and tantalum or low ESR electrolytic capacitors will also
suffice.
3. No parallel connection or plug and play.
To reduce output ripple, it is recommended to add a LC filter to the
output port.
L: Recommended parameter 10 ~ 47μH.
EXTERNAL CAPACITOR TABLE
MODEL
C1 (Ceramic)
C2 (Ceramic)
V7802-1000-SMT
10 μF / 25 V
22 μF / 16 V
V7803-1000-SMT
10 μF / 25 V
22 μF / 16 V
V7805-1000-SMT
10 μF / 25 V
22 μF / 16 V
V7806-1000-SMT
10 μF / 25 V
22 μF / 16 V


Similar Part No. - V7802-1000-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
552Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
More results

Similar Description - V7802-1000-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com