Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7802-1000-SMT Datasheet(PDF) 5 Page - CUI INC

Part # V7802-1000-SMT
Description  NON-ISOLATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V7802-1000-SMT Datasheet(HTML) 5 Page - CUI INC

  V7802-1000-SMT Datasheet HTML 1Page - CUI INC V7802-1000-SMT Datasheet HTML 2Page - CUI INC V7802-1000-SMT Datasheet HTML 3Page - CUI INC V7802-1000-SMT Datasheet HTML 4Page - CUI INC V7802-1000-SMT Datasheet HTML 5Page - CUI INC V7802-1000-SMT Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date
11/23/2011 │ page 5 of 6
CUI Inc
│ SERIES: V78-1000-SMT │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
EMC RECOMMENDED CIRCUIT
V7805-1000-SMT
1
7,9
5
+Vin
GN D
C1
6
10
ON /O FF
47 0p F
C2
TVS
L1
RL
+Vo
GND
1
7,9
5
+Vo
GND
C3
6
10
ON/O FF
470 pF
C4
RL
L2
GND
+Vin
V7805-1000-SMT
TVS: SMCJ18A, 1500W
L1: 68 μH
C1: 680 μF / 50 V electrolytic capacitors
L2: 516 μH
C3: 1 μF / 50 V ceramic capacitor
ADJUSTMENT RESISTOR VALUES
MODEL
V7802
V7803
V7805
Vo (nominal)
2.5 V
3.3 V
5.0 V
Vadj (V)
R1 (kΩ)
R2 (kΩ)
R1 (kΩ)
R2 (kΩ)
R1 (kΩ)
R2 (kΩ)
1.5
51.1
-
-
-
-
-
1.8
104.3
-
15.4
-
-
-
2.5
-
-
87
-
9.7
-
3.0
-
88.7
339
-
30.5
-
3.3
-
41.3
-
-
48.8
-
3.6
-
20.1
-
121
75
-
3.9
-
8.0
-
51.0
115
-
4.5
-
-
-
16.6
338
-
4.9
-
-
-
8.0
1,835
-
5.0
-
-
-
6.5
-
-
5.1
-
-
-
5.2
-
426
5.5
-
-
-
1.1
-
58.7
6.0
----
-
16.9
6.5
----
-
3.2
The R1, R2 in the above table are used to set the output voltage. If no need to adjust the output voltage, connect a ceramic capacitor to
GND with 470pF typical value for increase immunity. Insure the output voltage is in the adjust range or else may cause permanent
damage to the device. Fine-tune output voltage must appease Vin-Vo>2V.


Similar Part No. - V7802-1000-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
552Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
461Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/16/2020
More results

Similar Description - V7802-1000-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
P7805-S CUI-P7805-S Datasheet
480Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com