Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS6-122A Datasheet(PDF) 7 Page - Fuji Electric

Part # EDS6-122A
Description  VORTEX FLOWMETER (DELTA FLOWPET)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-122A Datasheet(HTML) 7 Page - Fuji Electric

Back Button EDS6-122A Datasheet HTML 3Page - Fuji Electric EDS6-122A Datasheet HTML 4Page - Fuji Electric EDS6-122A Datasheet HTML 5Page - Fuji Electric EDS6-122A Datasheet HTML 6Page - Fuji Electric EDS6-122A Datasheet HTML 7Page - Fuji Electric EDS6-122A Datasheet HTML 8Page - Fuji Electric EDS6-122A Datasheet HTML 9Page - Fuji Electric EDS6-122A Datasheet HTML 10Page - Fuji Electric EDS6-122A Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
OUTLINE DIAGRAM (Unit: mm)
For liquid and gas (80
°C max.)
L
83
φd
kgLtm3/hmin(nomal)
MR
ODE
AL1
DELTA
AL2
ESET
E
s
g g
I
Approximate mass (kg)
9.5
5.8
3.0
2.9
2.2
1.6
1.6
9.3
5.6
2.8
2.7
2.0
1.4
1.4
289
269
253
249
264
264
264
257
237
221
217
232
232
232
Nominal
diameter (mm)
L (mm)
10
15
65
65
25
40
65
80
50
80
80
100
H (mm)
125
100
I (mm)
32.5
32.5
40
40
40
48
32.5
φD (mm)
40
40
81
91
126
156.2
67
φd (mm)
10
-10 to +80
°C
-10 to +200
°C
14.5
37.6
48.5
72.4
95.2
26.6
-10 to +80
°C
-10 to +200
°C
* No output signal. Not provided in case
of battery type/type code 10th digit: 0.
Alarm 1 indicator LED *
Alarm 2 indicator LED *
Flow-in direction
(Externally energized type only)
Power and output cable


Similar Part No. - EDS6-122A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
   E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results

Similar Description - EDS6-122A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
logo
Schneider Electric
84CF SCHNEIDER-84CF Datasheet
123Kb / 1P
   Multivariable Vortex flowmeter available with various connections, LCD indicator
Apr 26, 2022
logo
Fuji Electric
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
   Vortex flowmeters, Flow, HART
Apr 26, 2022
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
Schneider Electric
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
   Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
TT Electronics.
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
   PG/PGU Flowmeter Accessories
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
   GU Flowmeter Accessories
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
   Platon Plastic VA Flowmeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com