Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS6-122A Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS6-122A
Description  VORTEX FLOWMETER (DELTA FLOWPET)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-122A Datasheet(HTML) 1 Page - Fuji Electric

  EDS6-122A Datasheet HTML 1Page - Fuji Electric EDS6-122A Datasheet HTML 2Page - Fuji Electric EDS6-122A Datasheet HTML 3Page - Fuji Electric EDS6-122A Datasheet HTML 4Page - Fuji Electric EDS6-122A Datasheet HTML 5Page - Fuji Electric EDS6-122A Datasheet HTML 6Page - Fuji Electric EDS6-122A Datasheet HTML 7Page - Fuji Electric EDS6-122A Datasheet HTML 8Page - Fuji Electric EDS6-122A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Date
VORTEX FLOWMETER (DELTA FLOWPET)
EDS6-122a
Aug. 10, 2005
FMR, M
This instrument is a Karman vortex flowmeter capable of
measuring the flow rate of liquid, gas, and vapor. The heavy-
duty detecting section made of stainless steel ensures high
accuracy of the instrument.
FEATURES
1. The total flow and instantaneous flow rate can exter-
nally be selected and monitored.
2. The standard is a rainproof type that can be used out-
doors.
3. Heavy-duty stainless steel main body having the struc-
ture without moving part ensures high durability
4. It does not impose limitations to its mounting positions.
5. Remotely controllable external output (total pulse or
instantaneous analog) is available.
SPECIFICATIONS (Type: FMR)
Item
Description
Nominal diameter, connection
Note: Plus
±0.5% of full scale in case of analog output.
Fluid
10, 15, 25, 40, 50, 80, 100mm, wafer type
Liquid, gas, vapor
See Table 1
Flow rate range
Fluid
Environment
Permissible
temperature
range
Sensor
Main body
Mounting cylinder
Mounting posture
Installation site
Accuracy
Material
Transducer case
Indicator
(LCD digital display)
(1) Total flow: 8 digits
(2) Instantaneous flow rate (per hour) 5 digits
(1), (2), (3), or (4) can be selected by push button.
Flow rate unit [L, m3, g, kg, t, L (normal), m3 (normal)], and
decimal point are indicated on LCD.
(Orientation of the indicator can be adjusted freely over 360
°.)
* Alarm is indicated with LED (red).
(3) Instantaneous flow rate (per minute) 5 digits
(4) Resettable total flow 7 digits
Battery type
Output
signal
Externally
energized type
Battery type
Externally
energized type
Cable
Power
supply
Structure
Backup
-10 to +80
°C, or -10 to +200°C
-10 to +50
°C
10 to 25mm: SUS316, 40 to 100mm: XM19 (made of super stainless steel)
Maximum pressure
Depends on connection standard (designed pressure: 5 MPa)
Length of straight pipe
See Fig. 3
Within
±1% of full scale (or, for nominal diameter 10 mm, within ±2% of full scale).
(Note)
For liquid: FS = 8 m/s. For gas with nominal diameter 10 to 50 mm: FS = 30 m/s.
For gas with nominal diameter 80, 100 mm: FS = 50 m/s.
Polycarbonate
No limitation from viewpoint of accuracy
SCS13A
SCS14A (for nominal diameter 10 mm, main body: SCS14A, vortex source: SUS316)
Avoid site exposed to direct sunshine
None
5-core shielded cable (1 m) ... For externally energized type
Lithium battery unit. Life time: 4 years (at normal temperature) ... With weak battery alarm function.
12 to 45V DC
Rainproof type (conforms to JIS C0920 protection class 3, IP53s), non-explosion-proof type.
Direct sunshine is not permissible.
Parameter settings and total value are held in EEPROM
4 to 20 mA DC analog (instantaneous flow rate) (see Fig. 1 Load Resistance Range); or
Pulse output (open collector) (available if with indicator).
Rated values: 30 V DC, 20 mA. ON voltage: 1 V or less.
Pulse width: 30 ms (correct pulse) or 1 ms (non-correct pulse).
Alarm output (H, L) ... Open collector.
Rated values: 30 V DC, 20 mA. ON voltage: 1 V or less.


Similar Part No. - EDS6-122A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
   E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
EDS6-126 FUJI-EDS6-126 Datasheet
121Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
More results

Similar Description - EDS6-122A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
logo
Schneider Electric
84CF SCHNEIDER-84CF Datasheet
123Kb / 1P
   Multivariable Vortex flowmeter available with various connections, LCD indicator
Apr 26, 2022
logo
Fuji Electric
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
logo
Schneider Electric
84F SCHNEIDER-84F Datasheet
173Kb / 1P
   Vortex flowmeters, Flow, HART
Apr 26, 2022
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
   Electromagnetic flowmeter
2022-06-01
logo
Schneider Electric
84FNPT SCHNEIDER-84FNPT Datasheet
98Kb / 1P
   Vortex flowmeters, Flow, Male NPT
Apr 26, 2022
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
TT Electronics.
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
   PG/PGU Flowmeter Accessories
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
   GU Flowmeter Accessories
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
   Platon Plastic VA Flowmeter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com