Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMS-100-12 Datasheet(PDF) 2 Page - CUI INC

Part # VMS-100-12
Description  AC-DC POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-100-12 Datasheet(HTML) 2 Page - CUI INC

  VMS-100-12 Datasheet HTML 1Page - CUI INC VMS-100-12 Datasheet HTML 2Page - CUI INC VMS-100-12 Datasheet HTML 3Page - CUI INC VMS-100-12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
date
11/03/2011
page
2 of 4
CUI Inc
│ SERIES: VMS-100 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
inrush current
at 240 Vac
80
A
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line, full load
±0.5
%
load regulation
10% to 100% full load
±1
%
temperature coefficient
±0.05
%/°C
hold-up time
16
ms
adjustability
±5
%
switching frequency
80
100
kHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
recycle ac input to restart
short circuit protection
hiccup mode, recovers automatically
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
5,656
Vdc
safety approvals
IEC60601-1, EN60601-1, UL60601-1
EMI/EMC
EN55024, EN61000-6-1, EN61204-3, EN60601-1-2, EN61000-3-2 Class (A, B, C, D), EN61000-3-3,
EN55011 Class B, EN55022 Class B, FCC Part 15 Class B
leakage current
0.3
mA
RoHS compliant
yes
MTBF
MIL-HDBK-217F, GB, at 25°C, 115 Vac
200,000
hrs
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-20
70
°C
storage temperature
-20
85
°C
operating humidity
non-condensing
93
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5.00 x 3.00 x 1.05 (127.00 x 76.20 x 26.67 mm)
inch
weight
270
g
cooling method
free air convection
(see derating curves below)


Similar Part No. - VMS-100-12

ManufacturerPart #DatasheetDescription
logo
CUI INC
VMS-100-12 CUI-VMS-100-12 Datasheet
324Kb / 4P
   AC-DC POWER SUPPLY
VMS-100-12 CUI-VMS-100-12 Datasheet
593Kb / 4P
   AC-DC POWER SUPPLY
05/06/2021
More results

Similar Description - VMS-100-12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com