Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMS-160-48 Datasheet(PDF) 1 Page - CUI INC

Part # VMS-160-48
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VMS-160-48 Datasheet(HTML) 1 Page - CUI INC

  VMS-160-48 Datasheet HTML 1Page - CUI INC VMS-160-48 Datasheet HTML 2Page - CUI INC VMS-160-48 Datasheet HTML 3Page - CUI INC VMS-160-48 Datasheet HTML 4Page - CUI INC VMS-160-48 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
07/27/2011
page
1 of 5
SERIES:
VMS-160 │ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple and
noise4
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VMS-160-5
5
20
1002
50
90
VMS-160-12
12
13.3
1601
120
90
VMS-160-15
15
8
1603
50
90
VMS-160-24
24
6.66
1601
240
90
VMS-160-48
48
3.33
1601
480
90
Notes:
1. Total continuous output power will not exceed 160 W forced air (400 LFM), 100 W without fan
2. Total continuous output power will not exceed 100 W forced air (400 LFM), 70 W without fan
3. Total continuous output power will not exceed 120 W forced air (400 LFM), 90 W without fan
4. Measured at 20 MHz, twisted pair with 0.47 μF ceramic and 22 μF tantalum parallel capacitors
PART NUMBER KEY
VMS-160 - XX
Base Number
Output Voltage
FEATURES
• Up to 160 W continuous power
• Industry standard 2” x 4” footprint
• 18 W/in3 power density
• Universal input (85-264 Vac / 125-373 Vdc)
• Single output from 5 to 48 V
• Active power correction (98%)
• 12 V auxiliary fan output
• No minimum load required
• Over load, over voltage, and short circuit protections
• Full medical and ITE safety approvals
• Efficiency up to 90%
RoHS


Similar Part No. - VMS-160-48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VMS-160-48 CUI-VMS-160-48 Datasheet
163Kb / 3P
   open frame switching power supply
More results

Similar Description - VMS-160-48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com