Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS6-128C Datasheet(PDF) 4 Page - Fuji Electric

Part # EDS6-128C
Description  EQUALIZING VALVE, OVAL FLANGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-128C Datasheet(HTML) 4 Page - Fuji Electric

  EDS6-128C Datasheet HTML 1Page - Fuji Electric EDS6-128C Datasheet HTML 2Page - Fuji Electric EDS6-128C Datasheet HTML 3Page - Fuji Electric EDS6-128C Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FFN, FFP
Printed in Japan
Caution on Safety
*Before using this product, be sure to read its instruction manual in advance.
International Sales Div
Sales Group
Gate City Ohsaki, East Tower, 11-2, Osaki 1-chome,
Shinagawa-ku, Tokyo 141-0032, Japan
http://www.fujielectric.com
Phone: 81-3-5435-7280, 7281 Fax: 81-3-5435-7425
http://www.fjielectric.com/products/instruments/
Information in this catalog is subject to change without notice.
CODE SYMBOLS
OVAL FLANGE
This oval flange is used to connect differential pressure, flow
rate, or pressure transmitter or equalizing valve with a pro-
cess pressure piping.
3
0
FF P
Description
12345678
9
5
6
Y
A
A
B
C
D
Pressure rating
16MPa Available for FFN3G
42MPa
Treatment
Without
No-oil trearment
Process connection
Rc1/2
Rc1/4
1/2-14NPT
1/4-18NPT
V
Material
Main unit
Mounting bolt
SUS316
SUS316L
Pressure rating: 16MPa, 42MPa
Material:
Oval flange
; SUS316
Mounting bolt
; SUS316L
Gasket: FFP5(16MPa)
; Teflon
FFP6(42MPa)
; Teflon with
glass fiber
Fluid temperature:
-40
°C to 120°C (Under non-freezing con-
dition)
Ambient temperature:
-40
°C to 120°C
Process connection:
Rc1/2, Rc1/4, 1/2-14NPT, 1/4-18NPT
SPECIFICATIONS
FFP5: Oval flange, mounting bolt (2), gasket (1)
SCOPE OF DELIVERY
OUTLINE DIAGRAM (Unit: mm)
Oval flange FFP
1. Product name
2. Type
ORDERING INFORMATION
5th digit of
CODE SYMBOLS
A
B
C
D
A
Rc1/2
Rc1/4
1/2-14NPT
1/4-18NPT
B
15
10
15
10
Oval flange (Supplied)
32
A
25.4
B
1.8
Gasket (Supplied)
Bolt (Supplied)
7/16-20UNF
2.6
43
35
16
5
6


Similar Part No. - EDS6-128C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-120 FUJI-EDS6-120 Datasheet
220Kb / 12P
   E SERIESE ELECTROMAGNETIC FLOWMETER(SEPARATE TYPE)
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
   VORTEX FLOWMETER (Eggs DELTA)
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
   VORTEX FLOWMETER (DELTA FLOWPET)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-125 FUJI-EDS6-125 Datasheet
138Kb / 8P
   OPTICAL DIFFERENTIAL PRESSURE (FLOW) TRANSMITTER
More results

Similar Description - EDS6-128C

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
logo
List of Unclassifed Man...
VCA7010VEA7506 ETC-VCA7010VEA7506 Datasheet
273Kb / 1P
   Video Equalizing Amplifier with Clipping and Clamping
logo
Gennum Corporation
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
logo
Marktech Corporate
C4SMK MARKTECH-C4SMK_15 Datasheet
605Kb / 9P
   Oval LED
logo
OSRAM GmbH
KTHAVPA1.12 OSRAM-KTHAVPA1.12 Datasheet
919Kb / 22P
   DISPLIX Oval
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2071-V280 VACUUMSCHMELZE-T60006-L2071-V280 Datasheet
755Kb / 4P
   Oval core
T60006-L2071-V380 VACUUMSCHMELZE-T60006-L2071-V380 Datasheet
785Kb / 5P
   Oval core
logo
HB Electronic Component...
774MY8T-S HB-774MY8T-S Datasheet
141Kb / 4P
   Oval LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com